Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7887M Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS7887M
Description  10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7887M Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7887M Datasheet HTML 4Page - Texas Instruments ADS7887M Datasheet HTML 5Page - Texas Instruments ADS7887M Datasheet HTML 6Page - Texas Instruments ADS7887M Datasheet HTML 7Page - Texas Instruments ADS7887M Datasheet HTML 8Page - Texas Instruments ADS7887M Datasheet HTML 9Page - Texas Instruments ADS7887M Datasheet HTML 10Page - Texas Instruments ADS7887M Datasheet HTML 11Page - Texas Instruments ADS7887M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
2.35
3.075
3.8
4.525
5.25
fs = 1.25 MSPS,
TA = 255C
VDD − Supply Voltage − V
80
80.5
81
81.5
82
82.5
83
83.5
84
84.5
85
2.35
3.075
3.8
4.525
5.25
fs = 1.25 MSPS,
fi = 100 kHz,
TA = 255C
VDD − Supply Voltage − V
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−20
0
20
40
60
80
100 120
fs = 1.25 MSPS,
VDD = 5 V
TA − Free-Air Temperature − °C
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
2.35
3.075
3.8
4.525
5.25
fs = 1.25 MSPS,
TA = 255C
VDD − Supply Voltage − V
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40 −20
0
20
40
60
80
100
120
TA − Free-Air Temperature − °C
fs = 1.25 MSPS,
VDD = 5 V
ADS7887M
SLAS750A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SPURIOUS FREE DYNAMIC RANGE
OFFSET ERROR
OFFSET ERROR
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
GAIN ERROR
GAIN ERROR
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS7887M


Similar Part No. - ADS7887M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887MDBVT TI1-ADS7887MDBVT Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7887M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com