Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ8015 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ8015
Description  Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ8015 Datasheet(HTML) 2 Page - Texas Instruments

  BQ8015 Datasheet HTML 1Page - Texas Instruments BQ8015 Datasheet HTML 2Page - Texas Instruments BQ8015 Datasheet HTML 3Page - Texas Instruments BQ8015 Datasheet HTML 4Page - Texas Instruments BQ8015 Datasheet HTML 5Page - Texas Instruments BQ8015 Datasheet HTML 6Page - Texas Instruments BQ8015 Datasheet HTML 7Page - Texas Instruments BQ8015 Datasheet HTML 8Page - Texas Instruments BQ8015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
bq8015
SLUS522A – JANUARY 2002 – REVISED SEPTEMBER 2002
2
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DSCM
27
IA
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small voltage
between DSCP and DSCM. DSCM can also be selected as an input to the over-sampled ADC.
DSCP
28
IA
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small voltage
between DSCP and DSCM. DSCP can also be selected as an input to the over-sampled ADC.
FILT
32
IA
Analog pin connected to the external PLL loop filter components
MRST
26
I
Master reset input pin that forces the device into reset when held high. Must be held low for normal operation.
RA0
6
I/OD
Port A.0 digital open-drain I/O pin
RA1/VOUT
7
I/O
Port A.1 digital push-pull I/O pin with pullup capable of driving power for an external device
RA2
10
I/OD
Port A.2 digital open-drain I/O pin
RA3
12
I/OD
Port A.3 digital open-drain I/O pin
RA4
13
I/OD
Port A.4 digital open-drain I/O pin
RA5/HDQ
14
I/OD
Port A.5 digital open-drain I/O pin or one-wire DQ/HDQ serial communication pin
RA6/SMBC
15
I/OD
Port A.6 digital open-drain I/O pin or SMBus clock pin
RA7/SMBD
16
I/OD
Port A.7 digital open-drain I/O pin or SMBus data pin
RB
9
P
RAM backup pin to provide backup potential to the internal DATA RAM if VCC is momentarily shorted, by
using a capacitor attached between RB and VSS
RB0/INT
17
I/OD
Port B.0 digital open-drain I/O pin or selectable as a configurable external processor interrupt
RB1/EV
18
I/OD
Port B.1 digital open-drain I/O pin or selectable as a configurable external event input to wake the controller
from a halt state
RB2
20
I/OD
Port B.2 digital open-drain I/O pin
RB3
21
I/OD
Port B.3 digital open-drain I/O pin
RB4
22
I/OD
Port B.4 digital open-drain I/O pin
RB5
23
I/OD
Port B.5 digital open-drain I/O pin
RB6
24
I/OD
Port B.6 digital open-drain I/O pin
RB7
25
I/OD
Port B.7 digital open-drain I/O pin
RC0/AD0
1
I/O
Port C.0 digital push-pull I/O pin or selectable as an input, AD0, to the over-sampled ADC
RC1/AD1
2
I/O
Port C.1 digital push-pull I/O pin or selectable as an input, AD1, to the over-sampled ADC
RC2/AD2
3
I/O
Port C.2 digital push-pull I/O pin or selectable as an input, AD2, to the over-sampled ADC
RC3/AD3
4
I/O
Port C.3 digital push-pull I/O pin or selectable as an input, AD3, to the over-sampled ADC
RC4/AD4
5
I/O
Port C.4 digital push-pull I/O pin or selectable as an input, AD4, to the over-sampled ADC
RC5/AD5/CLK
35
I/O
Port C.5 digital push-pull I/O pin or selectable as an input, AD5, to the over-sampled ADC or a 32-kHz
square-wave output
RC6/AD6
36
I/O
Port C.6 digital push-pull I/O pin or selectable as an input, AD6, to the over-sampled ADC
RC7/AD7
37
I/O
Port C.7 digital push-pull I/O pin or selectable as an input, AD7, to the over-sampled ADC
ROSC
33
IA
Internal oscillator bias resistor input pin
VDDA
31
P
Positive supply for analog circuitry. VDDA and VDDD must be driven to the same potential.
VDDD
8
P
Positive supply for digital circuitry and I/O pins. VDDD and VDDA must be driven to the same potential.
VSSA
30, 34
P
Negative supply for analog circuitry. VSSA, VSSD, and VSSP must be driven to the same potential.
VSSD
11, 29
P
Negative supply for digital circuitry. VSSA, VSSD, and VSSP must be driven to the same potential.
VSSP
19, 38
P
Negative supply for output circuitry. VSSA, VSSD, and VSSP must be driven to the same potential.
NOTE: I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = power


Similar Part No. - BQ8015

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-18-TR ACUTECH-BQ8211CY-M5-18-TR Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-18-TRL ACUTECH-BQ8211CY-M5-18-TRL Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-25-TR ACUTECH-BQ8211CY-M5-25-TR Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
BQ8211CY-M5-25-TRL ACUTECH-BQ8211CY-M5-25-TRL Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
More results

Similar Description - BQ8015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN8040 TI-SN8040 Datasheet
818Kb / 88P
[Old version datasheet]   Cool-GG Programmable Battery Management IC
FEBRUARY 2008
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
   Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Shenzhen Huazhimei Semi...
HM5051 HMSEMI-HM5051 Datasheet
811Kb / 11P
   Ampere Lithium Battery Charge Management IC
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4002 AITSEMI-A4002 Datasheet
699Kb / 12P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com