Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24130RHLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq24130RHLR
Description  600-kHz Synchronous Switch-Mode Host-Controlled Battery/Supercapacitor Charger With 4-A Integrated MOSFETs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24130RHLR Datasheet(HTML) 5 Page - Texas Instruments

  bq24130RHLR Datasheet HTML 1Page - Texas Instruments bq24130RHLR Datasheet HTML 2Page - Texas Instruments bq24130RHLR Datasheet HTML 3Page - Texas Instruments bq24130RHLR Datasheet HTML 4Page - Texas Instruments bq24130RHLR Datasheet HTML 5Page - Texas Instruments bq24130RHLR Datasheet HTML 6Page - Texas Instruments bq24130RHLR Datasheet HTML 7Page - Texas Instruments bq24130RHLR Datasheet HTML 8Page - Texas Instruments bq24130RHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
bq24130
www.ti.com
SLUSAN2C – JULY 2011 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS (continued)
4.5 V
≤ V(PVCC, AVCC) ≤ 17 V, -40°C < TJ < 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BAT OVERVOLTAGE COMPARATOR
V(OV_RISE)
Overvoltage Rising Threshold
As percentage of VBAT
104%
V(OV_FALL)
Overvoltage Falling Threshold
As percentage of VBAT
102%
Overvoltage Deglitch Time to Disable
tOV
30
ms
Charge
INPUT OVERVOLTAGE COMPARATOR (ACOV)
AC Overvoltage Rising Threshold
Measure on AVCC
17
18
19
V
AC Overvoltage Falling Hysteresis
Measured on AVCC
540
mV
V(ACOV)
AC Overvoltage Rising Deglitch
1
ms
AC Overvoltage Falling Deglitch
1
ms
THERMAL REGULATION
TJ
Junction Temperature Regulation Accuracy
ISET1 > 120 mV, Charging
120
°C
THERMAL SHUTDOWN COMPARATOR
T(SHUT)
Thermal Shutdown Rising Temperature
Temperature Increasing
150
°C
Thermal Shutdown Hysteresis
20
°C
Thermal Shutdown Rising Deglitch
Temperature Increasing Delay
100
µs
Thermal Shutdown Falling Deglitch
Temperature Decreasing Delay
10
ms
THERMISTOR COMPARATOR
Cold Temperature Threshold, TS pin
V(LTF)
Charger suspends charge as Percentage to VREF
73%
73.5%
74%
Voltage Rising Threshold
Cold Temperature Hysteresis, TS pin
V(LTF_HYS)
As Percentage to VREF
0.2%
0.4%
0.6%
Voltage Falling
Hot Temperature TS pin voltage falling
V(HTF)
As Percentage to VREF
46.6%
47.2%
47.8%
Threshold
Cut-off Temperature TS pin voltage falling
V(TCO)
As Percentage to VREF
44.2%
44.7%
45.2%
Threshold
Deglitch time for Temperature Out of Range
V(TS) > V(LTF), or V(TS) < V(TCO), or V(TS) < V(HTF)
400
ms
Detection
Deglitch time for Temperature in Valid
V(TS) < V(LTF) – V(LTF_HYS) or V(TS) > V(TCO), or V(TS) >
20
ms
Range Detection
V(HTF)
CHARGE OVERCURRENT COMPARATOR (CYCLE-BY-CYCLE)
Charge Overvurrent Rising Threshold,
V(OC)
Current as percentage of V(IREG_CHG)
160%
V(SRP) > 2.2V
Charge Overvurrent Rising Threshold,
45
mV
V(SRP) < 2.2V
Charge Overvurrent Limit Range,
75
mV
V(SRP) > 2.2V
I(OCP)
Charge OCP using high side sense FET
8
11.5
A
CHARGE UNDERCURRENT COMPARATOR (CYCLE-BY-CYCLE)
Switch from Sync mode to Non-Sync mode, measure
V(UCP)
Charge Undercurrent Falling Threshold
1
5
9
mV
on V(SRP-SRN)
BAT SHORT COMPARATOR (BATSHORT)
Battery Short Falling Threshold
Measure on BAT
2
V
V(BATSHT)
Battery Short Rising Hysteresis
200
mV
Deglitch on Both Edge
1
µs
LOW CHARGE CURRENT COMPARATOR
Low Charge Current Falling Threshold
Measure on V(SRP-SRN)
1.25
mV
V(LC)
Low Charge Current Rising Hysteresis
1.25
mV
Deglitch on Both Edge
1
µs
VREF REGULATOR
V(VREF_REG)
VREF Regulator Voltage
V(AVCC) > UVLO
3.267
3.3
3.333
V
I(VREF_LIM)
VREF Current Limit
V(VREF) = 0V, V(AVCC) > UVLO
35
120
mA
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24130


Similar Part No. - bq24130RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24130 TI-BQ24130_15 Datasheet
1Mb / 29P
[Old version datasheet]   600-kHz Synchronous Switch-Mode Host-ControlledBattery/Supercapacitor Charger With 4-A Integrated MOSFETs
More results

Similar Description - bq24130RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24130 TI-BQ24130_15 Datasheet
1Mb / 29P
[Old version datasheet]   600-kHz Synchronous Switch-Mode Host-ControlledBattery/Supercapacitor Charger With 4-A Integrated MOSFETs
BQ24705 TI1-BQ24705_17 Datasheet
1Mb / 32P
[Old version datasheet]   600-kHz, Host-Controlled Multi-Cell Battery Charger With Input Overvoltage Protection
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24705 TI1-BQ24705_15 Datasheet
1Mb / 32P
[Old version datasheet]   Host-Controlled Multi-Cell Battery Charger
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com