Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24278RGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq24278RGER
Description  2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24278RGER Datasheet(HTML) 5 Page - Texas Instruments

  bq24278RGER Datasheet HTML 1Page - Texas Instruments bq24278RGER Datasheet HTML 2Page - Texas Instruments bq24278RGER Datasheet HTML 3Page - Texas Instruments bq24278RGER Datasheet HTML 4Page - Texas Instruments bq24278RGER Datasheet HTML 5Page - Texas Instruments bq24278RGER Datasheet HTML 6Page - Texas Instruments bq24278RGER Datasheet HTML 7Page - Texas Instruments bq24278RGER Datasheet HTML 8Page - Texas Instruments bq24278RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
bq24278
www.ti.com
SLUSB04 – JUNE 2012
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 2, VUVLO < VIN < VOVP AND VIN>VBAT+VSLP, TJ = 0°C–125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM CONVERTER
Internal top reverse blocking MOSFET on-resistance
IIN_LIMIT = 500 mA, Measured from VIN to PMIDU
95
175
m
Ω
Internal top N-channel Switching MOSFET on-resistance
Measured from PMIDU to SW
100
175
m
Ω
Internal bottom N-channel MOSFET on-resistance
Measured from SW to PGND
65
115
m
Ω
fOSC
Oscillator frequency
1.35
1.50
1.65
MHz
DMAX
Maximum duty cycle
95%
DMIN
Minimum duty cycle
0
BATTERY-PACK NTC MONITOR
VHOT
High temperature threshold
VTS falling
29.7
30
30.5
VHYS(HOT)
Hysteresis on high threshold
VTS rising
1
VCOLD
Low temperature threshold
VTS rising
59.5
60
60.4
VWARM
Warm temperature threshold
VTS falling
37.9
38.3
39.6
VHYS(WARM)
Hysteresis on warm threshold
VTS rising
1
%VDRV
VCOOL
Cool temperature threshold
VTS rising
56.0
56.5
56.9
VHYS(COOL)
Hysteresis on cool threshold
VTS falling
1
VHYS(COLD)
Hysteresis on low threshold
VTS falling
1
TSOFF
TS Disable threshold
VTS rising, 2% VDRV Hysteresis
70
73
tDGL(TS)
Deglitch time on TS change
50
ms
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :bq24278


Similar Part No. - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGER TI-BQ24270RGER Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGET TI-BQ24270RGET Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFR TI-BQ24270YFFR Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFT TI-BQ24270YFFT Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
More results

Similar Description - bq24278RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com