Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24765RUVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24765RUVR
Description  SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24765RUVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24765RUVR Datasheet HTML 3Page - Texas Instruments BQ24765RUVR Datasheet HTML 4Page - Texas Instruments BQ24765RUVR Datasheet HTML 5Page - Texas Instruments BQ24765RUVR Datasheet HTML 6Page - Texas Instruments BQ24765RUVR Datasheet HTML 7Page - Texas Instruments BQ24765RUVR Datasheet HTML 8Page - Texas Instruments BQ24765RUVR Datasheet HTML 9Page - Texas Instruments BQ24765RUVR Datasheet HTML 10Page - Texas Instruments BQ24765RUVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
bq24765
www.ti.com
SLUS999 – NOVEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
7.0 V
≤ V(DCINA) ≤ 24 V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADAPTER CURRENT SENSE AMPLIFIER
VCSSP/N_OP
Input common mode range
Voltage on CSSP/CSSN
0
24
V
VVICM
VICM output voltage range
0
2
V
IVICM
VICM Output Current
0
1
mA
AVICM
Current sense amplifier voltage
AVICM = VVICM/ VIREG_DPM
20
V/V
gain
VIREG_DPM = V(CSSP–CSSN) ≥ 40 mV
–2%
2%
VIREG_DPM = V(CSSP–CSSN) = 20 mV
–3%
3%
Adapter current sense accuracy
VIREG_DPM = V(CSSP–CSSN) = 5 mV
–25%
25%
VIREG_DPM = V(CSSP–CSSN) = 1.5 mV
–33%
33%
IVICM_LIM
Output current limit
VVICM = 0 V
1
mA
CVICM_MAX
Maximum output load capacitance
For stability with 0 mA to 1 mA load
100
pF
ACIN COMPARATOR (Adapter Detect)
VDCIN_VFB_OP
Differential voltage from DCINA to
–20
24
V
VFB
VACIN_CHG
ACIN rising threshold
Min voltage to enable charging, VACIN rising
2.376
2.40
2.424
V
VACIN_CHG_HYS
ACIN falling hysteresis
VACIN falling
40
mV
ACIN rising deglitch (1)
VACIN rising
100
μs
VACIN_BIAS
Adapter present rising threshold
Min voltage to enable all bias, VACIN rising
0.56
0.62
0.68
V
VACIN_BIAS_HYS
Adapter present falling hysteresis
VACIN falling
20
mV
V(DCIN–VFB) COMPARATOR (Reverse Discharging Protection)
VDCIN-VFB_FALL
DCIN to VFB falling threshold
VDCIN – VVFB falling
140
185
240
mV
VDCIN-VFB__HYS
DCIN to VFB hysteresis
50
mV
DCIN to VFB rising deglitch
VDCIN – VVFB > VDCIN-VFB_RISE
1
ms
VFB OVERVOLTAGE COMPARATOR
VOV_RISE
Over-voltage rising threshold
As percentage of VVFB_REG
104%
VOV_FALL
Over-voltage falling threshold
As percentage of VVFB_REG
102%
VFB BATSHORT COMPARATOR (Undervoltage)
VVFB_SHORT_RISE
VFB short rising threshold
2.6
2.7
2.85
V
VVFB_SHORT_HYS
VFB short falling hysteresis
250
mV
VVFB_SHORT_ICHG
VFB short precharge current
60
220
mA
VFB BATLOWV COMPARATOR
VVFB_LOWV_RISE
VFB LOWV rising threshold
3.9
4
4.1
V
VVFB_LOWV_HYS
VFB LOWV falling hysteresis
400
mV
VFB LOWV one-shot reset time
Time to time charger
2
ms
VVFB_LOWV_ICHG
VFB LOWV max DAC output
VFB falling, on 10m
Ω resistor
3
A
CHARGE OVER-CURRENT COMPARATOR – Average current using sense resistor
Charge overcurrent falling
V(CSOP-CSON) > 33mV, as percentage of IREG_CHG
145%
threshold
Minimum current limit
V(CSOP-CSON) < 33mV
50
mV
Internal filter pole frequency
160
kHz
CHARGE OVER-CURRENT COMPARATOR – Cycle-by-Cycle Maximum current using High-Side SenseFet
Charge over-current rising
VOCP_CycleByCycle
threshold, latches off high-side
High-side drain current rising-edge.
8
10
12
A
MOSFET until next cycle.
(1)
Verified by design.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :bq24765


Similar Part No. - BQ24765RUVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765RUVR TI1-BQ24765RUVR Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
More results

Similar Description - BQ24765RUVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com