Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24765RUVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24765RUVT
Description  SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24765RUVT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24765RUVT Datasheet HTML 1Page - Texas Instruments BQ24765RUVT Datasheet HTML 2Page - Texas Instruments BQ24765RUVT Datasheet HTML 3Page - Texas Instruments BQ24765RUVT Datasheet HTML 4Page - Texas Instruments BQ24765RUVT Datasheet HTML 5Page - Texas Instruments BQ24765RUVT Datasheet HTML 6Page - Texas Instruments BQ24765RUVT Datasheet HTML 7Page - Texas Instruments BQ24765RUVT Datasheet HTML 8Page - Texas Instruments BQ24765RUVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DCINP
PGND
CSSN
CSSP
VREF
PHASE
PHASE
PHASE
BOOT
DCINA
bq24765
34 LD
QFN
TOP VIEW
DCINP
DCINP
VDDP
ICOUT
1
34
7
29
23
2
3
4
5
6
28
27
26
25
24
33
32
31
ICREF
ACIN
CSOP
CSON
9
21
8
22
EAO
EAI
FBO
VFB
AGND
ACOK
10
11
12
20
19
18
30
13
14
15
16
17
bq24765
www.ti.com
SLUS999 – NOVEMBER 2009
SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
Check for Samples :bq24765
1
FEATURES
< 10-
μA Battery Current with Adapter
Removed
Integrated Power MOSFETs, NMOS-NMOS,
Synchronous Buck Converter
< 1 mA Input DCINA Current When Adapter
Present and Charge Disabled
>95% Efficiency
34-pin, 3.5mmx7mm QFN Package
Frequency 700kHz Allows Smaller Inductor
(5mm x 5mm)
APPLICATIONS
Thermal Regulation Loop for Safety, Limit TJ =
Notebook and Ultra-Mobile Computers
120°C
Portable Data-Capture Terminals
Adaptive Driver Dead-time and 99.5%
Portable Printers
Maximum Effective Duty Cycle
Medical Diagnostics Equipment
High-Accuracy Voltage and Current Regulation
Battery Bay Chargers
±0.5% Charge Voltage Accuracy
Battery Back-up Systems
±3% Charge Current Accuracy
±3% Adapter Current Accuracy
DESCRIPTION
±2% Input Current Sense Amp Accuracy
The
bq24765
is
a
high-efficiency,
synchronous
Integration
battery charger with two integrated 30m
Ω NMOS
power MOSFETs, and an integrated input current
Integrated Power MOSFETs
comparator,
offering
low
component
count
for
Input Current Comparator
space-constraint, multi-chemistry battery charging
Internal Soft-Start
applications.
Input
current,
charge
current,
and
Safety
charge voltage DACs allow for very high regulation
accuracies that can be easily programmed by the
Thermal Regulation Loop and Thermal
system power management micro-controller using
Shutdown
SMBus. The bq24765 has switching frequency of
Dynamic Power Management (DPM)
700kHz. The bq24765 charges 2, 3, or 4 series Li+
Power FETs Over Current Protection
cells, and is available in a 34-pin, 3.5mmx7mm QFN
package.
7 V–24 V AC/DC-Adapter Operating Range
Simplified SMBus Control
Charge Voltage DAC (1.024 V–19.2 V)
Charge Current DAC (128 mA–8.064 A)
Adapter Current Limit DPM DAC (256
mA–11.008 A)
Status and Monitoring Outputs
AC/DC Adapter Present with Adjustable
Voltage Threshold
Input Current Comparator, With Adjustable
Threshold and Hysteresis
Current Sense Amplifier for Current Drawn
From Input Source
Charge Any Battery Chemistry: Li+, LiFePO4,
NiCd, NiMH, Lead Acid (2, 3, and 4 Li-Ion Cells)
Charge Enable Pin (CE)
Energy Star Low Iq
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24765RUVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765RUVT TI1-BQ24765RUVT Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
More results

Similar Description - BQ24765RUVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com