Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24751BRHDTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24751BRHDTG4
Description  Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24751BRHDTG4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24751BRHDTG4 Datasheet HTML 1Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 2Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 3Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 4Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 5Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 6Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 7Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 8Page - Texas Instruments BQ24751BRHDTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
bq24751B
SLUS835A – JULY 2008 – REVISED MARCH 2009 .......................................................................................................................................................... www.ti.com
Table 1. PIN FUNCTIONS – 28-PIN QFN
PIN
DESCRIPTION
NAME
NO.
CHGEN
1
Charge enable active-low logic input. LO enables charge. HI disables charge.
Adapter current sense resistor, negative input. A 0.1-
µF ceramic capacitor is placed from ACN to ACP to provide
ACN
2
differential-mode filtering. An optional 0.1-
µF ceramic capacitor is placed from ACN pin to AGND for common-mode
filtering.
Adapter current sense resistor, positive input. A 0.1-
µF ceramic capacitor is placed from ACN to ACP to provide
ACP
3
differential-mode filtering. A 0.1-
µF ceramic capacitor is placed from ACP pin to AGND for common-mode filtering.
AC adapter to system-switch driver output. Connect directly to the gate of the ACFET P-channel power MOSFET and
the reverse conduction blocking P-channel power MOSFET. Connect both FETs as common-source. Connect the
ACFET drain to the system-load side. The PVCC should be connected to the common-source node to ensure that the
driver logic is always active when needed. If needed, an optional capacitor from gate to source of the ACFET is used to
ACDRV
4
slow down the ON and OFF times. The internal gate drive is asymmetrical, allowing a quick turn-off and slower turn-on
in addition to the internal break-before-make logic with respect to the BATDRV. The output goes into linear regulation
mode when the input sensed current exceeds the ACOC threshold. ACDRV is latched off after ACOP voltage exceeds 2
V, to protect the charging system from an ACFET-overpower condition.
Adapter detected voltage set input. Program the adapter detect threshold by connecting a resistor divider from adapter
ACDET
5
input to ACDET pin to AGND pin. Adapter voltage is detected if ACDET-pin voltage is greater than 2.4 V. The IADAPT
current sense amplifier is active when the ACDET pin voltage is greater than 0.6 V.
Adapter current set input. The voltage ratio of ACSET voltage versus VDAC voltage programs the input current
regulation set-point during Dynamic Power Management (DPM). Program by connecting a resistor divider from VDAC to
ACSET
6
ACSET to AGND; or by connecting the output of an external DAC to the ACSET pin and connect the DAC supply to the
VDAC pin.
Input power limit set input. Program the input overpower time constant by placing a ceramic capacitor from ACOP to
AGND. The capacitor sets the time that the input current limit, ACOC, can be sustained before exceeding the
ACOP
7
power-MOSFET power limit. When the ACOP voltage exceeds 2 V, then the ACDRV latches off to protect the charge
system from an overpower condition, ACOP. Reset latch by toggling ACDET or PVCC_UVLO.
Set input over voltage protection threshold. Charge is disabled and ACDRV is turned off if adapter input voltage is
higher than the OVPSET programmed threshold. Input overvoltage, ACOV, disables charge and ACDRV when
OVPSET
8
OVPSET > 3.1 V. ACOV does not latch. Program the overvoltage protection threshold by connecting a resistor divider
from adapter input to OVPSET pin to AGND pin.
Analog ground. Ground connection for low-current sensitive analog and digital signals. On PCB layout, connect to the
AGND
9
analog ground plane, and only connect to PGND through the PowerPad underneath the IC.
3.3-V regulated voltage output. Place a 0.1-
µF ceramic capacitor from VREF to AGND pin close to the IC. This voltage
VREF
10
could be used for ratiometric programming of voltage and current regulation. Do not apply a external voltage source on
this pin.
Charge voltage set reference input. Connect the VREF or external DAC voltage source to the VDAC pin. Battery
voltage, charge current, and input current are programmed as a ratio of the VDAC pin voltage versus the VADJ,
VDAC
11
SRSET, and ACSET pin voltages, respectively. Place resistor dividers from VDAC to VADJ, SRSET, and ACSET pins
to AGND for programming. A DAC could be used by connecting the DAC supply to VDAC and connecting the output to
VADJ, SRSET, or ACSET.
Charge voltage set input. The voltage ratio of VADJ voltage versus VDAC voltage programs the battery voltage
regulation set-point. Program by connecting a resistor divider from VDAC to VADJ, to AGND; or, by connecting the
VADJ
12
output of an external DAC to VADJ, and connect the DAC supply to VDAC. VADJ connected to REGN programs the
default of 4.2 V per cell.
Valid adapter active-low detect logic open-drain output. Pulled low when Input voltage is above programmed ACDET.
ACGOOD
13
Connect a 10-k
Ω pullup resistor from ACGOOD to VREF, or to a different pullup-supply rail.
Battery to system switch driver output. Gate drive for the battery to system load BAT PMOS power FET to isolate the
system from the battery to prevent current flow from the system to the battery, while allowing a low impedance path
from battery to system and while discharging the battery pack to the system load. Connect this pin directly to the gate of
BATDRV
14
the input BAT P-channel power MOSFET. Connect the source of the FET to the system load voltage node. Connect the
drain of the FET to the battery pack positive node. An optional capacitor is placed from the gate to the source to slow
down the switching times. The internal gate drive is asymmetrical to allow a quick turn-off and slower turn-on, in addition
to the internal break-before-make logic with respect to ACDRV.
Adapter current sense amplifier output. IADAPT voltage is 20 times the differential voltage across ACP-ACN. Place a
IADAPT
15
100-pF or less ceramic decoupling capacitor from IADAPT to AGND.
Charge current set input. The voltage ratio of SRSET voltage versus VDAC voltage programs the charge current
SRSET
16
regulation set-point. Program by connecting a resistor divider from VDAC to SRSET to AGND; or by connecting the
output of an external DAC to SRSET pin and connect the DAC supply to VDAC pin.
Battery voltage remote sense. Directly connect a kelvin sense trace from the battery pack positive terminal to the BAT
BAT
17
pin to accurately sense the battery pack voltage. Place a 0.1-
µF capacitor from BAT to AGND close to the IC to filter
high-frequency noise.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24751B
Not Recommended For New Designs


Similar Part No. - BQ24751BRHDTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24751ARHDR TI-BQ24751ARHDR Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24751ARHDT TI-BQ24751ARHDT Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24751RHDR TI-BQ24751RHDR Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results

Similar Description - BQ24751BRHDTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com