Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq27500DRZT-V130 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # bq27500DRZT-V130
Description  System-Side Impedance Track Fuel Gauge
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq27500DRZT-V130 Datasheet(HTML) 2 Page - Texas Instruments

  bq27500DRZT-V130 Datasheet HTML 1Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 2Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 3Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 4Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 5Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 6Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 7Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 8Page - Texas Instruments bq27500DRZT-V130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
bq27500-V130
SLUS914A – OCTOBER 2009 – REVISED DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
INTRODUCTION
......................................... 1
4.3
MANUFACTURER INFORMATION BLOCKS
...... 18
1.1
FEATURES
.......................................... 1
4.4
ACCESS MODES
.................................. 18
1.2
APPLICATIONS
...................................... 1
4.5
SEALING/UNSEALING DATA FLASH
............. 19
1.3
DESCRIPTION
....................................... 1
4.6
DATA FLASH SUMMARY
.......................... 19
2
DEVICE INFORMATION
................................ 3
5
FUNCTIONAL DESCRIPTION
........................ 21
2.1
AVAILABLE OPTIONS
............................... 3
5.1
FUEL GAUGING
................................... 21
2.2
DISSIPATION RATINGS
............................ 3
5.2
Impedance Track VARIABLES
..................... 22
5.3
DETAILED DESCRIPTION OF DEDICATED PINS
2.3
DEVICE INFORMATION
............................. 3
...................................................... 24
3
ELECTRICAL SPECIFICATIONS
..................... 5
5.4
TEMPERATURE MEASUREMENT
................ 26
3.1
ABSOLUTE MAXIMUM RATINGS
.................. 5
5.5
OVERTEMPERATURE INDICATION
.............. 27
3.2
RECOMMENDED OPERATING CONDITIONS
..... 5
5.6
CHARGING AND CHARGE-TERMINATION
INDICATION
........................................ 27
3.3
POWER-ON RESET
................................. 6
3.4
INTERNAL TEMPERATURE SENSOR
5.7
POWER MODES
................................... 28
CHARACTERISTICS
................................ 6
5.8
POWER CONTROL
................................ 31
3.5
HIGH-FREQUENCY OSCILLATOR
................. 6
5.9
AUTOCALIBRATION
............................... 31
6
APPLICATION-SPECIFIC INFORMATION
......... 32
3.6
LOW-FREQUENCY OSCILLATOR
.................. 6
6.1
BATTERY PROFILE STORAGE AND SELECTION
3.7
INTEGRATING ADC (COULOMB COUNTER)
...................................................... 32
CHARACTERISTICS
................................ 6
6.2
APPLICATION-SPECIFIC FLOW AND CONTROL
3.8
ADC (TEMPERATURE AND CELL
...................................................... 32
MEASUREMENT) CHARACTERISTICS
............ 7
7
COMMUNICATIONS
3.9
DATA FLASH MEMORY CHARACTERISTICS
..... 7
7.1
I2C INTERFACE
3.10
I2C-COMPATIBLE INTERFACE COMMUNICATION
7.2
I2C TIME OUT
TIMING CHARACTERISTICS
....................... 7
4
GENERAL DESCRIPTION
............................. 9
7.3
I2C COMMAND WAITING TIME
4.1
DATA COMMANDS
................................ 10
8
REFERENCE SCHEMATICS
8.1
SCHEMATIC
4.2
DATA FLASH INTERFACE
........................ 17
2
Contents
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): bq27500-V130


Similar Part No. - bq27500DRZT-V130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZT-V100 TI-BQ27500DRZT-V100 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500DRZT-V100 TI-BQ27500DRZT-V100 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
BQ27500DRZT-V100G4 TI-BQ27500DRZT-V100G4 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
BQ27500DRZT-V120 TI-BQ27500DRZT-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500DRZT-V120 TI-BQ27500DRZT-V120 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
More results

Similar Description - bq27500DRZT-V130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com