Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq27505YZGR-J3 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # bq27505YZGR-J3
Description  System-Side Impedance Track??Fuel Gauge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq27505YZGR-J3 Datasheet(HTML) 4 Page - Texas Instruments

  bq27505YZGR-J3 Datasheet HTML 1Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 2Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 3Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 4Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 5Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 6Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 7Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 8Page - Texas Instruments bq27505YZGR-J3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Not Recommended for New Designs
bq27505-J3
SLUS986A – OCTOBER 2009 – REVISED FEBRUARY 2010
www.ti.com
3
ELECTRICAL SPECIFICATIONS
3.1
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
VALUE
UNIT
VCC
Supply voltage range
–0.3 to 2.75
V
VIOD
Open-drain I/O pins (SDA, SCL, SOC_INT)
–0.3 to 6
V
VBAT
BAT input pin
–0.3 to 6
VI
Input voltage range to all other pins (BI/Tout, TS, SRP, SRN, BAT_GD)
–0.3 to VCC + 0.3
V
Human-body model (HBM), BAT pin
1.5
ESD
kV
Human-body model (HBM), all other pins
2
TA
Operating free-air temperature range
–40 to 85
°C
TF
Functional temperature range
–40 to 100
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3.2
RECOMMENDED OPERATING CONDITIONS
TA = -40°C to 85°C; 2.4 V < VCC < 2.6 V; Typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.4
2.5
2.6
V
Fuel gauge in NORMAL mode.
ICC
Normal operating-mode current(1)
114
mA
ILOAD > Sleep Current
Fuel gauge in SLEEP+ mode.
ISLP+
Sleep+ operating mode current(1)
58
mA
ILOAD < Sleep Current
Fuel gauge in SLEEP mode.
ISLP
Low-power storage-mode current(1)
19
mA
ILOAD < Sleep Current
Fuel gauge in HIBERNATE mode.
IHIB
Hibernate operating-mode current(1)
4
mA
ILOAD < Hibernate Current
VOL
Output voltage, low (SCL, SDA, SOC_INT,
IOL = 3 mA
0.4
V
BAT_LOW)
VOH(PP)
Output voltage, high (BAT_LOW, BAT_GD)
IOH = –1 mA
VCC – 0.5
V
External pullup resistor connected to
VOH(OD)
Output voltage, high (SDA, SCL, SOC_INT)
VCC – 0.5
V
VCC
Input voltage, low (SDA, SCL)
–0.3
0.6
VIL
Input voltage, low (BI/TOUT)
BAT INSERT CHECK MODE active
–0.3
0.6
V
Input voltage, high (SDA, SCL)
1.2
6
VIH(OD)
VCC +
Input voltage, high (BI/TOUT)
BAT INSERT CHECK MODE active
1.2
0.3
VA1
Input voltage range (TS)
VSS – 0.125
2
V
VA2
Input voltage range (BAT)
VSS – 0.125
5
V
VA3
Input voltage range (SRP, SRN)
VSS – 0.125
0.125
V
Ilkg
Input leakage current (I/O pins)
0.3
mA
tPUCD
Power-up communication delay
250
ms
(1)
Specified by design. Not production tested.
4
ELECTRICAL SPECIFICATIONS
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - bq27505YZGR-J3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27505YZGR-J1 TI1-bq27505YZGR-J1 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGR-J2 TI-bq27505YZGR-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGR-J4 TI-bq27505YZGR-J4 Datasheet
520Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
bq27505YZGR-J5 TI1-bq27505YZGR-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - bq27505YZGR-J3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com