Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27510-G2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27510-G2
Description  System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27510-G2 Datasheet(HTML) 2 Page - Texas Instruments

  BQ27510-G2 Datasheet HTML 1Page - Texas Instruments BQ27510-G2 Datasheet HTML 2Page - Texas Instruments BQ27510-G2 Datasheet HTML 3Page - Texas Instruments BQ27510-G2 Datasheet HTML 4Page - Texas Instruments BQ27510-G2 Datasheet HTML 5Page - Texas Instruments BQ27510-G2 Datasheet HTML 6Page - Texas Instruments BQ27510-G2 Datasheet HTML 7Page - Texas Instruments BQ27510-G2 Datasheet HTML 8Page - Texas Instruments BQ27510-G2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Vss
SRN
SRP
Vcc
BAT_LOW/BAT_GD
SDA
SCL
1
2
3
4
5
6
12
11
10
9
8
7
bq27510-G2
TS
REGIN
BAT
BI/TOUT
REG25
bq27510-G2
SLUS948 – AUGUST 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
AVAILABLE OPTIONS
PART NUMBER(1)
PACKAGE(2)
TA
COMMUNICATION
TAPE and REEL
FORMAT
QUANTITY
bq27510DRZR-G2
3000
12-pin, 2,5-mm × 4-mm
–40°C to 85°C
I2C
SON
bq27510DRZT-G2
250
(1)
For bq27510-G1 users, please refer to "bq27510-G1 to bq27510-G2 CHANGE LIST" (SLUA567) for device change information.
(2)
For the most current package and ordering information see the Package Option Addendum at the end of this document; or, see the TI
website at www.ti.com.
PIN DIAGRAM
PIN FUNCTIONS
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BI/TOUT
1
I/O
Battery-insertion detection input. Power pin for pack thermistor network. Thermistor-multiplexer control
pin. Open-drain I/O. Use with pull-up resistor >1M
Ω (1.8 MΩ typical).
REG25
2
P
2.5 V output voltage of the internal integrated LDO.
REGIN
3
P
The input voltage for the internal integrated LDO.
BAT
4
I
Cell voltage measurement input. ADC input.
Vcc
5
P
Processor power input. Decouple with 0.1mF ceramic capacitor minimum.
Vss
6
P
Device ground
SRP
7
IA
Analog input pin connected to the internal coulomb counter where SRP is nearest the
PACK-connection. Connect to 5-m
Ω to 20-mΩ sense resistor.
SRN
8
IA
Analog input pin connected to the internal coulomb counter where SRN is nearest the VSS-connection.
Connect to a 5-m
Ω to 20-mΩ sense resistor.
TS
9
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input
SDA
10
I/O
Slave I2C serial communications data line for communication with system (Master). Open-drain I/O.
Use with 10-k
Ω pull-up resistor (typical).
SCL
11
I
Slave I2C serial communications clock input line for communication with system (Master). Use with
10-k
Ω pull-up resistor (typical).
BAT_LOW/
12
O
Battery-good or Battery-low output indicator. Desired function polarity selected through the Operation
BAT_GD
Configuration register. Open-drain output
(1)
I/O = Digital input/output; IA = Analog input; P = Power connection.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - BQ27510-G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results

Similar Description - BQ27510-G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_1 Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com