Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq28550DRZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq28550DRZR
Description  bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq28550DRZR Datasheet(HTML) 5 Page - Texas Instruments

  bq28550DRZR Datasheet HTML 1Page - Texas Instruments bq28550DRZR Datasheet HTML 2Page - Texas Instruments bq28550DRZR Datasheet HTML 3Page - Texas Instruments bq28550DRZR Datasheet HTML 4Page - Texas Instruments bq28550DRZR Datasheet HTML 5Page - Texas Instruments bq28550DRZR Datasheet HTML 6Page - Texas Instruments bq28550DRZR Datasheet HTML 7Page - Texas Instruments bq28550DRZR Datasheet HTML 8Page - Texas Instruments bq28550DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
bq28550
www.ti.com
SLUSAJ2
– SEPTEMBER 2011
BATTERY PROTECTION (continued)
TA = –40 to +85ºC, VBAT =1.5 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT =3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
VOH2
DOUT High Level
IOH = 30 µA, VBAT = 4.0 V
3.4
3.7
V
Output voltage
(referenced to Vss)
VDET1
Overcharge
TA = 25˚C detection voltage
4.260
4.280
4.300
V
detection
TA = –10 to 60˚C
4.255
4.280
4.305
TA = –40 to 85˚C
4.230
4.280
4.330
VREL1
Overcharge release
TA = 25˚C
4.070
4.100
4.130
V
voltage
TA = –10 to 60˚C
4.055
4.100
4.145
TA = –40 to 85˚C
4.040
4.100
4.160
tDET1
Overcharge
VBAT = 3.5 V ≥ 4.5 V
0.60
1.00
1.50
s
detection delay time
tREL1
Overcharge release
VBAT = 4.5 V ≥ 3.5 V
4.8
8.0
12.0
ms
delay time
VDET2
Over-discharge
TA = 25
˚C
2.265
2.300
2.335
V
detection voltage
TA =
–10 to 60˚C
2.242
2.300
2.358
TA =
–40 to 85˚C
2.220
2.300
2.380
tDET2
Over-discharge
VBAT = 3.5 V ≥ 2.00 V
14.4
24.0
36.0
ms
detection delay time
tREL2
Over-discharge
VBAT = 3 V
2.4
4.0
6.0
ms
release delay time
V_ = 3 V
≥ 0 V
VDET3
Overcurrent
VBAT = 4 V
0.130
0.150
0.170
V
detection voltage on
discharge
VDET4
Overcurrent
VBAT = 4 V
–0.137
–0.112
–0.087
V
detection voltage on
charging
tOCD
Overcurrent
VBAT = 3 V
7.2
12.0
18.0
ms
detection delay time
V_ = 0 V
≥ 1V
tOCR
Overcurrent release
VBAT = 3 V
2.4
4.0
6.0
ms
delay time
V_ = 3 V
≥ 0 V
VSHORT
Short detection
VBAT = 4 V, RPACKN = 510 Ω
VBAT – 1.2 VBAT – 0.9
VBAT
V
voltage
0.6
tSHORT
Short detection
VBAT = 3 V
200
400
800
µs
delay time
V_ = 0V
≥ 3 V
VOLTAGE REGULATOR
TA = –40 to +85ºC, VBAT =1.5 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT =3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG
Output voltage
2.7 V
< VBAT < 5.5 V, IOUT = 16 mA
2.45
2.50
2.55
V
2.45 V
< VBAT < 2.7 V, IOUT = 3 mA
2.40
ΔVLINE
Line regulation
2.7 V
< VBAT < 5.5 V, IOUT = 16 mA
100
200
mV
ΔVLOAD
Load regulation
VREG = 2.45 V, 100 µA < IOUT < 3 mA
30
50
mV
VBAT = 2.7 V, 3 mA < IOUT < 16 mA
30
50
VDO
Dropout voltage
VBAT = 2.45 V, IOUT = 3 mA
30
50
mV
VBAT = 2.7 V, IOUT = 16 mA
224
290
ΔVREG/ΔT
Output voltage
VBAT = 3.5 V, IOUT = 100 µA
100
ppm/
°C
temperature
coefficient
ΔVLINE
Current limit
VBAT = 3.5 V, IREG = 2.0 V
16
130
mA
VBAT = 3.5 V, IREG = 0 V
10
35
60
VOFF
Regulator off voltage
7.0
8.0
9.0
V
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq28550


Similar Part No. - bq28550DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28550DRZR TI1-BQ28550DRZR Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28550DRZR-R1 TI1-BQ28550DRZR-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results

Similar Description - bq28550DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28400PWR TI-BQ28400PWR Datasheet
411Kb / 24P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ28400 TI-BQ28400 Datasheet
404Kb / 23P
[Old version datasheet]   Tablet PC and Netbook 2-Series Cell Li-Ion Battery Gas Gauge and Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com