Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT861AM Datasheet(PDF) 8 Page - Texas Instruments

Part # CD74FCT861AM
Description  BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT861AM Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74FCT861AM Datasheet HTML 2Page - Texas Instruments CD74FCT861AM Datasheet HTML 3Page - Texas Instruments CD74FCT861AM Datasheet HTML 4Page - Texas Instruments CD74FCT861AM Datasheet HTML 5Page - Texas Instruments CD74FCT861AM Datasheet HTML 6Page - Texas Instruments CD74FCT861AM Datasheet HTML 7Page - Texas Instruments CD74FCT861AM Datasheet HTML 8Page - Texas Instruments CD74FCT861AM Datasheet HTML 9Page - Texas Instruments CD74FCT861AM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD74FCT861AM
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
CD74FCT861AM96
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
30-Mar-2005
Addendum-Page 1


Similar Part No. - CD74FCT861AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
CD74FCT863AM TI1-CD74FCT863AM Datasheet
100Kb / 9P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results

Similar Description - CD74FCT861AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT841A TI-CD74FCT841A Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT843A TI-CD74FCT843A Datasheet
33Kb / 6P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
CD74FCT821A TI-CD74FCT821A Datasheet
40Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT823A TI-CD74FCT823A Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit D-Type Flip-Flops, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com