Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4010BQDRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD4010BQDRQ1
Description  CMOS 8-STAGE STATIC SHIFT REGISTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4010BQDRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  CD4010BQDRQ1 Datasheet HTML 1Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 2Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 3Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 4Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 5Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 6Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 7Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 8Page - Texas Instruments CD4010BQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CD4021B-Q1
SCHS378 – MARCH 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
At TA = 25°C, unless other wise specified. For maximum reliability, nominal operating conditions should be selected so that
operation is always within the following ranges.
VDD
MIN
MAX
UNIT
Supply voltage range
3
18
V
(TA = full package-temperature range)
5
180
tW
Clock pulse width
10
80
ns
15
50
5
3
fCL
Clock frequency
10
6
MHz
15
8.5
5
15
trCL,
Clock rise and fall time
10
15
µs
tfCL
15
15
5
120
Serial input (referred to CL)
10
80
ns
15
60
5
80
Parallel inputs
10
50
ns
CD4014B (referred to CL)
15
40
ts
Set-up time
5
50
Parallel inputs
10
30
ns
CD4021B (referred to P/S)
15
20
5
180
Parallel/Serial Control
10
80
ns
CD4014B (referred to CL)
15
60
5
160
tW
Parallel/serial pulse width
10
80
ns
15
50
5
280
tREM
Parallel/serial removal time
10
140
ns
15
100
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CD4021B-Q1


Similar Part No. - CD4010BQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010BQDRQ1 TI1-CD4010BQDRQ1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
More results

Similar Description - CD4010BQDRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
   8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
   8-Stage Static Shift Register
CD4014BC FAIRCHILD-CD4014BC Datasheet
67Kb / 7P
   8-Stage Static Shift Register
CD4021BC FAIRCHILD-CD4021BC Datasheet
70Kb / 7P
   8-Stage Static Shift Register
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com