Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3S04YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3S04YFFR
Description  Quad Sine-Wave Clock Buffer With LDO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC3S04YFFR Datasheet(HTML) 1 Page - Texas Instruments

  CDC3S04YFFR Datasheet HTML 1Page - Texas Instruments CDC3S04YFFR Datasheet HTML 2Page - Texas Instruments CDC3S04YFFR Datasheet HTML 3Page - Texas Instruments CDC3S04YFFR Datasheet HTML 4Page - Texas Instruments CDC3S04YFFR Datasheet HTML 5Page - Texas Instruments CDC3S04YFFR Datasheet HTML 6Page - Texas Instruments CDC3S04YFFR Datasheet HTML 7Page - Texas Instruments CDC3S04YFFR Datasheet HTML 8Page - Texas Instruments CDC3S04YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VDD_ANA
LDO
VBAT
MCLK_IN
VLDO
REQ1
CLK1
REQ2
CLK2
REQ3
CLK3
VDD_DIG
I C
2
Control
Register
ADR_A0
MCLK_REQ
SCLH
SDAH
GND_ANA
GND_DIG
RESET
Reset
REQ4
CLK4
Decoder
1
2
D
C
A
WCSP
B
TopView
(SolderBallUnderneath)
3
4
E
CLK1
CLK2
REQ1
CLK3
CLK4
REQ3
GND_
DIG
VLDO
REQ4
REQ2
ADR_
A0
VDD_
DIG
MCLK_
IN
MCLK_
REQ
RESET
VDD_
ANA
GND_
ANA
SCLH
VBAT
SDAH
CDC3S04
www.ti.com
SCAS883B
– OCTOBER 2009 – REVISED MAY 2011
Quad Sine-Wave Clock Buffer With LDO
Check for Samples: CDC3S04
1
FEATURES
DESCRIPTION
The CDC3S04 is a four-channel low-power low-jitter
1:4 Low-Jitter Clock Buffer
sine-wave clock buffer. It can be used to buffer a
Single-Ended Sine-Wave Clock Input and
single master clock to multiple peripherals. The four
Outputs
sine-wave outputs (CLK1
–CLK4) are designed for
Ultralow Phase Noise and Standby Current
minimal
channel-to-channel
skew
and
ultralow
additive output jitter.
Individual Clock Request Inputs for Each
Output
Each output has its own clock request inputs which
enables the dedicated clock output. These clock
On-Chip Low-Dropout Output (LDO) for
requests are active-high (can also be changed to be
Low-Noise TCXO Supply
active-low via I2C), and an output signal is generated
Serial I2C Interface (Compatible With
that can be sent back to the master clock to request
High-Speed Mode, 3.4 Mbit/s)
the
clock
(MCLK_REQ).
MCKL_REQ
is
an
1.8-V Device Power Supply
open-source output and supports the wired-OR
function (default mode). It needs an external pulldown
Wide Temperature Range,
–30°C to 85°C
resistor. MCKL_REQ can be changed to wired-AND
ESD Protection: 2 KV HBM, 750 V CDM, and
or push-pull functionality via I2C.
100 V MM
The
CDC3S04
also
provides
an
I2C
interface
Small 20-Pin Chip-Scale Package: 0.4-mm
(Hs-mode) that can be used to enable or disable the
Pitch WCSP (1.6 mm
× 2 mm)
outputs, select the polarity of the REQ inputs, and
allow control of internal decoding.
APPLICATIONS
The CDC3S04 features an on-chip high-performance
Cellular Phones
LDO that accepts voltages from 2.3 V to 5.5 V and
Smart Phones
outputs a 1.8-V supply. This 1.8-V supply can be
used to power an external 1.8-V TCXO. It can be
Mobile Handsets
enabled or disabled for power saving at the TCXO.
Portable Systems
Wireless Modems Including GPS, WLAN,
W-BT, D-TV, DVB-H, FM Radio, WiMAX, and
System Clock
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC3S04YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC303 TI-CDC303 Datasheet
112Kb / 1P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC304 TI-CDC304 Datasheet
88Kb / 6P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC304 TI1-CDC304 Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304D TI1-CDC304D Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304DR TI1-CDC304DR Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
More results

Similar Description - CDC3S04YFFR

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3011B-1 RFM-SC3011B-1 Datasheet
72Kb / 2P
   600.0 MHz Differential Sine-Wave Clock
SC3048B RFM-SC3048B Datasheet
131Kb / 2P
   444.0 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3035B-1 MURATA-SC3035B-1 Datasheet
138Kb / 2P
   800.0 MHz Differential Sine-Wave Clock
SC3048B MURATA-SC3048B Datasheet
103Kb / 2P
   444.0 MHz Differential Sine-Wave Clock
SC3053B MURATA-SC3053B Datasheet
102Kb / 2P
   750.0 MHz Differential Sine-Wave Clock
SC3045B MURATA-SC3045B Datasheet
78Kb / 2P
   621.60 MHz Differential Sine-Wave Clock
logo
RF Monolithics, Inc
SC3015B RFM-SC3015B Datasheet
73Kb / 2P
   550.0 MHz Differential Sine-Wave Clock
SC3028B RFM-SC3028B Datasheet
77Kb / 2P
   266.667 MHz Differential Sine-Wave Clock
SC3029B RFM-SC3029B Datasheet
77Kb / 2P
   360.0 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3017B MURATA-SC3017B Datasheet
78Kb / 2P
   400.0 MHz Differential Sine-Wave Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com