Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVD1216RGZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD1216RGZR
Description  2:16 Low Additive Jitter LVDS Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1216RGZR Datasheet(HTML) 5 Page - Texas Instruments

  CDCLVD1216RGZR Datasheet HTML 1Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 2Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 3Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 4Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 5Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 6Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 7Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 8Page - Texas Instruments CDCLVD1216RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CDCLVD1216
www.ti.com
SCAS900B – OCTOBER 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 2.375V to 2.625V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIFFERENTIAL INPUT CHARACTERISTICS
fIN
Input frequency
Clock input
800
MHz
VIN, DIFF
Differential input voltage peak-to-peak
VICM = 1.25 V
0.3
1.6
VPP
VICM
Input common mode voltage range
VIN, DIFF, PP > 0.4 V
1.0
VCC – 0.3
V
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
mA
IIL
Input low current
VCC = 2.625, VIL = 0 V
–10
mA
ΔV/ΔT
Input edge rate
20%–80%
0.75
V/ns
CIN
Input capacitance
2.5
pF
LVDS OUTPUT CHARACTERISTICS
|VOD|
Differential output voltage magnitude
250
450
mV
Change in differential output voltage
ΔVOD
–15
15
mV
magnitude
VIN, DIFF, PP = 0.3V, RL = 100 Ω
Steady-state common mode output
VOC(SS)
1.1
1.375
V
voltage
Steady-state common mode output
ΔVOC(SS)
VIN, DIFF, PP = 0.6V, RL = 100 Ω
–15
15
mV
voltage
Vring
Output overshoot and undershoot
Percentage of output amplitude VOD
10%
VOS
Output ac common mode
VIN, DIFF, PP = 0.6V, RL = 100 Ω
40
70
mVPP
IOS
Short-circuit output current
VOD = 0 V
±24
mA
tPD
Propagation delay
VIN, DIFF, PP = 0.3 V
1.5
2.5
ns
tSK, PP
Part-to-part skew
600
ps
tSK, O
Output skew
55
ps
Crossing-point-to-crossing-point
tSK,P
Pulse skew(with 50% duty cycle input)
–50
50
ps
distortion
Random additive jitter (with 50% duty
Edge speed 0.75 V/ns,
ps,
tRJIT
0.3
cycle input)
10 kHz – 20 MHz
RMS
tR/tF
Output rise/fall time
20% to 80%, 100
Ω, 5 pF
50
300
ps
ICCSTAT
Static supply current
Outputs unterminated, f = 0 Hz
17
28
mA
ICC100
Supply current
All outputs, RL = 100 Ω, f = 100 MHz
107
140
mA
ICC800
Supply current
All outputs, RL = 100 Ω, f = 800 MHz
147
180
mA
VAC_REF CHARACTERISTICS
VAC_REF
Reference output voltage
VCC = 2.5 V Iload = 100 µA
1.1
1.25
1.35
V
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCLVD1216


Similar Part No. - CDCLVD1216RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAR TI1-CDCLVD1212RHAR Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAT TI1-CDCLVD1212RHAT Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTR TI1-CDCLVD1213RGTR Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
More results

Similar Description - CDCLVD1216RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
[Old version datasheet]   2:8 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com