Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236ALS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1236ALS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236ALS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1236ALS8 Datasheet HTML 4Page - Linear Technology LT1236ALS8 Datasheet HTML 5Page - Linear Technology LT1236ALS8 Datasheet HTML 6Page - Linear Technology LT1236ALS8 Datasheet HTML 7Page - Linear Technology LT1236ALS8 Datasheet HTML 8Page - Linear Technology LT1236ALS8 Datasheet HTML 9Page - Linear Technology LT1236ALS8 Datasheet HTML 10Page - Linear Technology LT1236ALS8 Datasheet HTML 11Page - Linear Technology LT1236ALS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1236LS8
8
1236ls8f
applicaTions inForMaTion
LT1236LS8
OUT
GND
IN
LOAD
R1
220
2N3906
R2*
INPUT
GROUND
RETURN
*OPTIONAL—REDUCES CURRENT IN OUTPUT SENSE
LEAD: R2 = 2.4k
1236ls8 AI04
LT1236LS8
OUT
IN
GND
KEEP THIS LINE RESISTANCE LOW
LOAD
+
INPUT
GROUND
RETURN
1236ls8 AI03
use a star-ground method, with the LT1236LS8 ground
tied directly to the load, rather than through a ground
plane or other shared ground trace. This last method will
reduce drop in the ground trace between the LT1236LS8
and the load. The ground wire in this case will carry only
approximately 1mA, which is the ground current of the
LT1236LS8, while the load return current will shunt to the
system ground separate from the reference-to-load path.
The following circuits show proper hook-up to minimize
errors due to ground loops and line losses. Losses in the
output lead can be greatly reduced by adding a PNP boost
transistor if load currents are 5mA or higher. R2 can be
added to further reduce current in the output sense lead.
Effects of Air Movement on Low Frequency Noise
The LT1236LS8 has very low noise because of the buried
zener used in its design. In the 0.1Hz to 10Hz band, peak-
to-peaknoiseisabout0.5ppmoftheDCoutput.Toachieve
this low noise, however, care must be taken to shield the
reference from ambient air turbulence. Air movement can
createnoisebecauseofthermoelectricdifferencesbetween
ICpackageleadsandprintedcircuitboardmaterialsand/or
sockets. Power dissipation in the reference, even though it
rarely exceeds 20mW, is enough to cause small tempera-
ture gradients in the package leads. Variations in thermal
resistance, caused by uneven air flow, create differential
leadtemperatures,therebycausingthermoelectricvoltage
noise at the output of the reference.
Series Mode with Boost Transistor
Standard Series Mode
Long-Term Drift
Long-term drift cannot be extrapolated from accelerated
high temperature testing. This erroneous technique gives
drift numbers that are wildly optimistic. The only way
long-term drift can be determined is to measure it over
the time interval of interest.
The LT1236LS8 long-term drift data was collected on 80
parts that were soldered into printed circuit boards similar
to a real world application. The boards were then placed
into a constant temperature oven with a TA = 35°C, their
outputs were scanned regularly and measured with an 8.5
digit DVM. Typical long-term drift is illustrated in Figure 1.
Figure 1. Long-Term Drift
HOURS
0
40
0
80
200
1236ls8 F01
–40
–80
–200
–160
160
–120
120
500
1000
1500
2000
NORMALIZED TO 10 HOURS
DUE TO SYSTEM WARM-UP


Similar Part No. - LT1236ALS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236A-10 LINER-LT1236A-10 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1236A-5 LINER-LT1236A-5 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT1236A-5 LINER-LT1236A-5 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT1236A-5 LINER-LT1236A-5 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1236A-5 LINER-LT1236A-5 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
More results

Similar Description - LT1236ALS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236LS8 LINER-LT1236LS8_15 Datasheet
232Kb / 16P
   Precision, Low Noise, Low Profile Hermetic Voltage Reference
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Analog Devices
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com