Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8274 Datasheet(PDF) 4 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8274
Description  Very Low Distortion, Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8274 Datasheet(HTML) 4 Page - Aavid, Thermal Division of Boyd Corporation

  AD8274_11 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8274_11 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8274
Rev. C | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Maximum Voltage at Any Input Pin
−VS + 40 V
Minimum Voltage at Any Input Pin
+VS – 40 V
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
−40°C to +85°C
Package Glass Transition Temperature (TG)
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The θJA values in Table 4 assume a 4-layer JEDEC standard
board with zero airflow.
Table 4. Thermal Resistance
Package Type
θJA
Unit
8-Lead MSOP
135
°C/W
8-Lead SOIC
121
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8274 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 150°C, which is the glass transition temperature,
the properties of the plastic change. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the amplifiers. Exceeding a temperature of 150°C for an
extended period may result in a loss of functionality.
2.0
1.6
1.2
0.8
0.4
0
–50
0
–25
25
50
75
100
125
AMBIENT TEMERATURE (°C)
TJ MAX = 150°C
MSOP
θJA = 135°C/W
SOIC
θJA = 121°C/W
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
SHORT-CIRCUIT CURRENT
The AD8274 has built-in, short-circuit protection that limits the
output current (see Figure 16 for more information). While the
short-circuit condition itself does not damage the part, the heat
generated by the condition can cause the part to exceed its
maximum junction temperature, with corresponding negative
effects on reliability. Figure 2 and Figure 16, combined with
knowledge of the part’s supply voltages and ambient temperature,
can be used to determine whether a short circuit will cause the
part to exceed its maximum junction temperature.
ESD CAUTION


Similar Part No. - AD8274_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
logo
Aavid, Thermal Division...
AD8274 AAVID-AD8274 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8274 AD-AD8274 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
AD8274 AD-AD8274 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
More results

Similar Description - AD8274_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD8479 AD-AD8479 Datasheet
409Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com