Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP1204 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1204
Description  Two LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1204 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVP1204 Datasheet HTML 2Page - Texas Instruments CDCLVP1204 Datasheet HTML 3Page - Texas Instruments CDCLVP1204 Datasheet HTML 4Page - Texas Instruments CDCLVP1204 Datasheet HTML 5Page - Texas Instruments CDCLVP1204 Datasheet HTML 6Page - Texas Instruments CDCLVP1204 Datasheet HTML 7Page - Texas Instruments CDCLVP1204 Datasheet HTML 8Page - Texas Instruments CDCLVP1204 Datasheet HTML 9Page - Texas Instruments CDCLVP1204 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
13
14
15
16
8
7
6
5
CDCLVP1102
NC
NC
NC
GND
ThermalPad
(1)
V
CC
V
AC_REF
INN
INP
CDCLVP1102
SCAS884C
– AUGUST 2009 – REVISED AUGUST 2011
www.ti.com
RGT PACKAGE
QFN-16
(TOP VIEW)
(1)
Thermal pad must be soldered to ground.
PIN DESCRIPTIONS
CDCLVP1102 Pin Descriptions
TERMINAL
TERMINAL
NAME
NO.
TYPE
DESCRIPTION
VCC
5
Power
2.5-V/3.3-V supply for the device
GND
1, 16
Ground
Device ground
INP, INN
6, 7
Input
Differential input pair or single-ended input
OUTP1, OUTN1
11, 12
Output
Differential LVPECL output pair no. 1. Unused output pair can be left floating.
OUTP0 OUTN0
9, 10
Output
Differential LVPECL output pair no. 0. Unused output pair can be left floating.
Bias voltage output for capacitive-coupled input pair no. 0. Do not use VAC_REF at VCC <
VAC_REF
8
Output
3.0 V. If used, it is recommended to use a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
2, 3, 4,
NC
Do not connect
13, 14, 15
6
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP1102


Similar Part No. - CDCLVP1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1204RGTR TI-CDCLVP1204RGTR Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTR TI1-CDCLVP1204RGTR Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI1-CDCLVP1204RGTT Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com