Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP1216 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1216
Description  16 LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1216 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVP1216 Datasheet HTML 2Page - Texas Instruments CDCLVP1216 Datasheet HTML 3Page - Texas Instruments CDCLVP1216 Datasheet HTML 4Page - Texas Instruments CDCLVP1216 Datasheet HTML 5Page - Texas Instruments CDCLVP1216 Datasheet HTML 6Page - Texas Instruments CDCLVP1216 Datasheet HTML 7Page - Texas Instruments CDCLVP1216 Datasheet HTML 8Page - Texas Instruments CDCLVP1216 Datasheet HTML 9Page - Texas Instruments CDCLVP1216 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CDCLVP1216
SCAS877C
– MAY 2009 – REVISED AUGUST 2011
www.ti.com
PIN DESCRIPTIONS
CDCLVP1216 Pin Descriptions
TERMINAL
TERMINAL
PULL-UP/
NAME
NO.
TYPE
PULLDOWN
DESCRIPTION
6, 7, 13, 24, 37,
VCC
Power
2.5-/3.3-V supplies for the device
48
GND
1, 12
Ground
Device grounds
INP0, INN0
10, 9
Input
Differential input pair or single-ended input. Unused input pair can be left floating.
INP1, INN1
3, 4
Input
Redundant differential input pair or single-ended input. Unused input pair can be left floating.
OUTP15,
46, 47
Output
Differential LVPECL output pair no. 15. Unused output pair can be left floating.
OUTN15
OUTP14,
44, 45
Output
Differential LVPECL output pair no. 14. Unused output pair can be left floating.
OUTN14
OUTP13,
42, 43
Output
Differential LVPECL output pair no. 13. Unused output pair can be left floating.
OUTN13
OUTP12,
40, 41
Output
Differential LVPECL output pair no. 12. Unused output pair can be left floating.
OUTN12
OUTP11,
38, 39
Output
Differential LVPECL output pair no. 11. Unused output pair can be left floating.
OUTN11
OUTP10,
35, 36
Output
Differential LVPECL output pair no. 10. Unused output pair can be left floating.
OUTN10
OUTP9,
33, 34
Output
Differential LVPECL output pair no. 9. Unused output pair can be left floating.
OUTN9
OUTP8,
31, 32
Output
Differential LVPECL output pair no. 8. Unused output pair can be left floating.
OUTN8
OUTP7,
29, 30
Output
Differential LVPECL output pair no. 7. Unused output pair can be left floating.
OUTN7
OUTP6,
27, 28
Output
Differential LVPECL output pair no. 6. Unused output pair can be left floating.
OUTN6
OUTP5,
25, 26
Output
Differential LVPECL output pair no. 5. Unused output pair can be left floating.
OUTN5
OUTP4,
22, 23
Output
Differential LVPECL output pair no. 4. Unused output pair can be left floating.
OUTN4
OUTP3,
20, 21
Output
Differential LVPECL output pair no. 3. Unused output pair can be left floating.
OUTN3
OUTP2,
18, 19
Output
Differential LVPECL output pair no. 2. Unused output pair can be left floating.
OUTN2
OUTP1,
16, 17
Output
Differential LVPECL output pair no. 1. Unused output pair can be left floating.
OUTN1
OUTP0 OUTN0
14, 15
Output
Differential LVPECL output pair no. 0. Unused output pair can be left floating.
Pulldown
IN_SEL
2
Input
MUX select input for input choice (see Table 3)
(see Table 2)
Bias voltage output for capacitive coupled inputs. Do not use VAC_REF at VCC < 3.0 V. If
VAC_REF
8
Output
used, it is recommended to use a 0.1-
μF capacitor to GND on this pin. The output current is
limited to 2 mA.
NC
5, 11
Do not connect
Table 2. Pin Characteristics
PARAMETER
MIN
TYP
MAX
UNITS
RPULLDOWN
Input pulldown resistor
150
k
Table 3. Input Selection Table
IN_SEL
ACTIVE CLOCK INPUT
0
INP0, INN0
1
INP1, INN1
6
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP1216


Similar Part No. - CDCLVP1216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212RHAR TI-CDCLVP1212RHAR Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1212RHAT TI-CDCLVP1212RHAT Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com