Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137YCPZ-REEL7 Datasheet(PDF) 9 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8137YCPZ-REEL7
Description  Low Cost, Low Power, Differential ADC Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137YCPZ-REEL7 Datasheet(HTML) 9 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137YCPZ-REEL7 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8137YCPZ-REEL7 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD8137
Rev. E | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
12 V
VOCM
VS+ to VS−
Power Dissipation
See Figure 3
Input Common-Mode Voltage
VS+ to VS−
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for the device soldered in a circuit board in still air.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC/2-Layer
157
56
°C/W
8-Lead SOIC/4-Layer
125
56
°C/W
8-Lead LFCSP/4-Layer
70
56
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8137 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit may change the stresses that
the package exerts on the die, permanently shifting the parametric
performance of the AD8137. Exceeding a junction temperature
of 175°C for an extended period can result in changes in the
silicon devices, potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The load current consists of differential
and common-mode currents flowing to the load, as well as
currents flowing through the external feedback networks and
the internal common-mode feedback loop. The internal resistor
tap used in the common-mode feedback loop places a 1 kΩ
differential load on the output. RMS output voltages should be
considered when dealing with ac signals.
Airflow reduces θJA. In addition, more metal directly in contact
with the package leads from metal traces, through holes, ground,
and power planes reduces the θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 8-lead SOIC
(125°C/W) and 8-lead LFCSP (θJA = 70°C/W) on a JEDEC
standard 4-layer board. θJA values are approximations.
–40
–20 –10
–30
0
10 20 30 40 50 60 70 80 90 100 110 120
3.0
1.0
1.5
0.5
2.0
2.5
0
AMBIENT TEMPERATURE (°C)
SOIC-8
LFCSP
Figure 3. Maximum Power Dissipation vs.
Ambient Temperature for a 4-Layer Board
ESD CAUTION


Similar Part No. - AD8137YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137YCPZ-REEL7 AD-AD8137YCPZ-REEL7 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
AD8137YCPZ-REEL7 AD-AD8137YCPZ-REEL7 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137YCPZ-REEL7 AD-AD8137YCPZ-REEL7 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
More results

Similar Description - AD8137YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com