Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM7005-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005-SP
Description  3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCM7005-SP Datasheet HTML 4Page - Texas Instruments CDCM7005-SP Datasheet HTML 5Page - Texas Instruments CDCM7005-SP Datasheet HTML 6Page - Texas Instruments CDCM7005-SP Datasheet HTML 7Page - Texas Instruments CDCM7005-SP Datasheet HTML 8Page - Texas Instruments CDCM7005-SP Datasheet HTML 9Page - Texas Instruments CDCM7005-SP Datasheet HTML 10Page - Texas Instruments CDCM7005-SP Datasheet HTML 11Page - Texas Instruments CDCM7005-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
CDCM7005-SP
SGLS390E – JULY 2009 – REVISED AUGUST 2012
www.ti.com
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VREF_IN = VCC/2, Y = VCC/2,
tpho
Phase offset (REF_IN to Y output)(5)
2.7
ns
see Figure 13, Load = 10 pF
tsk(p)
LVCMOS pulse skew, see Figure 12
Crosspoint to VCC/2 load, see Figure 14
160
ps
tpd(LH)
Crosspoint to VCC/2,
Propagation delay from VCXO_IN to
Load = 10 pF, see Figure 14 (PLL
2.8
ns
Yx, see Figure 12
tpd(HL)
bypass mode)
All outputs have the same divider ratio
80
LVCMOS single-ended output skew,
tsk(o)
ps
see (6) and Figure 12
Outputs have different divider ratios
80
Duty cycle
LVCMOS
VCC/2 to VCC/2
49%
51%
20% to 80% of swing (load
tslew-rate
Output rise/fall slew rate
3.5
V/ns
see Figure 14)
LVPECL
fclk
Output frequency, see (7) and Figure 7
Load, see Figure 15
0
2000
MHz
II
LVPECL input current
VI = 0 V or VCC
±20
µA
VOH
LVPECL high-level output voltage
Load, See Figure 15
VCC–1.18
VCC–0.81
V
VOL
LVPECL low-level output voltage
Load, See Figure 15
VCC–2
VCC–1.55
V
|VOD|
Differential output voltage
See Figure 11 and load, see Figure 15
500
mV
VREF_IN = VCC/2 to cross point of Y,
tpho
Phase offset (REF_IN to Y output)(6)
250
ps
see Figure 13
tpd(LH)
Propagation delay time, VCXO_IN to
Cross point-to-cross point, load
615
ps
Yx, see Figure 12
see Figure 15
tpd(HL)
Cross point-to-cross point, load
tsk(p)
LVPECL pulse skew, see Figure 12
15
ps
see Figure 15
Load see Figure 15, all outputs have the
20
same divider ratio
tsk(o)
LVPECL output skew(8)
ps
Load see Figure 15, outputs have
50
different divider ratios
tr / tf
Rise and fall time
20% to 80% of VOUTPP, see Figure 11
170
ps
Input capacitance at VCXO_IN,
CI
2.5
pF
VCXO_IN
LVCMOS-TO-LVPECL
Output skew between LVCMOS and
Cross point to VCC/2; load,
tsk(P_C)
2
3.2
ns
LVPECL outputs, see (9) and Figure 12
see Figure 14 and Figure 15
PLL ANALOG LOCK
IOH
High-level output current
VCC = 3.6 V, VO = 1.8 V
-150
–110
-80
µA
IOL
Low-level output current
VCC = 3.6 V, VO = 1.8 V
80
110
150
µA
High-impedance state output current
IOZH LOCK
VO = 3.6 V (PD is set low)
45
65
µA
for PLL LOCK output(10)
High-impedance state output current
IOZL LOCK
VO = 0 V (PD is set low)
±5
µA
for PLL LOCK output(10)
VIT+
Positive input threshold voltage
VCC = min to max
VCC×0.55
V
VIT–
Negative input threshold voltage
VCC = min to max
VCC×0.35
V
PHASE DETECTOR
fCPmax
Maximum charge pump frequency
Default PFD pulse width delay
100
MHz
CHARGE PUMP
Charge pump sink/source current
ICP
VCP = 0.5 VCC_CP
±0.2
±3.9
mA
range (11)
(5)
This is valid only for the same frequency of REF_IN clock and Y output clock. It can be adjusted by the SPI controller (reference delay M
and VCXO delay N).
(6)
The tsk(o) specification is only valid for equal loading of all outputs.
(7)
Operating the LVCMOS or LVPECL output above the maximum frequency will not cause a malfunction to the device, but the output
signal swing may no longer meet the output specification.
(8)
The tsk(o) specification is only valid for equal loading of all outputs.
(9)
The phase of LVCMOS is lagging in reference to the phase of LVPECL.
(10) Lock output has an 80-k
Ω pulldown resistor.
(11) Defined by SPI settings.
8
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCM7005-SP


Similar Part No. - CDCM7005-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005-SP TI1-CDCM7005-SP Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
More results

Similar Description - CDCM7005-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com