Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HCT138D Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT138D
Description  1- of-8 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT138D Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT138D Datasheet HTML 1Page - System Logic Semiconductor SL74HCT138D Datasheet HTML 2Page - System Logic Semiconductor SL74HCT138D Datasheet HTML 3Page - System Logic Semiconductor SL74HCT138D Datasheet HTML 4Page - System Logic Semiconductor SL74HCT138D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT138
System Logic
Semiconductor
SLS
1- of-8 Decoder/Demultiplexer
High-Performance Silicon-Gate CMOS
The SL74HCT138 is identical in pinout to the LS/ALS138. The
SL74HCT138 may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
The SL74HCT138 decodes a three-bit Address to one-of-eight
active-lot outputs. This device features three Chip Select inputs, two
active-low and one active-high to facilitate the demultiplexing,
cascading, and chip -selecting functions. The demultiplexing function is
accomplished by using the Address inputs to select the desired device
output; one of the Chip Selects is used as a data input while the other
Chip Selects are held in their active states.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT138N Plastic
SL74HCT138D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
CS1CS2CS3
A2 A1A0
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
X X H
X H X
L X X
X X X
X X X
X X X
H H H H H H H H
H H H H H H H H
H H H H H H H H
H L L
H L L
H L L
H L L
L L L
L L H
L H L
L H H
L H H H H H H H
H L H H H H H H
H H L H H H H H
H H H L H H H H
H L L
H L L
H L L
H L L
H L L
H L H
H H L
H H H
H H H H L H H H
H H H H H L H H
H H H H H H L H
H H H H H H H L
H = high level (steady state)
L = low level (steady state)
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - SL74HCT138D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT132 SLS-SL74HCT132 Datasheet
68Kb / 6P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
SL74HCT132D SLS-SL74HCT132D Datasheet
68Kb / 6P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
SL74HCT132N SLS-SL74HCT132N Datasheet
68Kb / 6P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
SL74HCT139 SLS-SL74HCT139 Datasheet
46Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
SL74HCT139D SLS-SL74HCT139D Datasheet
46Kb / 5P
   Dual 1-of-4 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT138D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT138A IKSEMICON-IN74HCT138A Datasheet
208Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC138 MOTOROLA-MC54HC138 Datasheet
274Kb / 4P
   1-of-8 Decoder / Demultiplexer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC138 INTEGRAL-IN74HC138 Datasheet
103Kb / 5P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT138A KODENSHI-KK74HCT138A Datasheet
222Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC154A IKSEMICON-IN74HC154A Datasheet
299Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC154 MOTOROLA-MC54HC154 Datasheet
107Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC154A KODENSHI-KK74HC154A Datasheet
310Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC138 IKSEMICON-IN74AC138 Datasheet
182Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC138 KODENSHI-KK74AC138 Datasheet
264Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT138 IKSEMICON-IN74ACT138 Datasheet
181Kb / 6P
   1-of-8 Decoder/Demultiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com