Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC-DRCS-PCASM Datasheet(PDF) 11 Page - Texas Instruments

Part # CLC-DRCS-PCASM
Description  CLC-DRCS-PCASM DRCS Evaluation Board Users Guide
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC-DRCS-PCASM Datasheet(HTML) 11 Page - Texas Instruments

Back Button CLC-DRCS-PCASM Datasheet HTML 7Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 8Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 9Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 10Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 11Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 12Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 13Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 14Page - Texas Instruments CLC-DRCS-PCASM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Rev. 3.01 June 4, 1999
10
©1999 National Semiconductor Corporation
For either selection, a loop time constant
of 1.5µs results
when
$*&B/223B*$,1  and F
CK=52MHz. Each
increase of
$*&B/223B*$,1 by 1 will decrease by a
factor of 2. Halving FCK will increase
by a factor of 2.
Table 6 gives the configuration register values for each of
the AGC modes associated with switch position 7 as men-
tioned in Table 4.
Any of these default configurations can be modified by
using the DRCS Control Panel software. See the DRCS
Control Panel Software section on page 7.
Initial Operation
This procedure will verify proper operation of the DRCS
Board and Data Capture Board
It is assumed that the you will be conducting this test in
conjunction with the Data Capture Board. If not, you will
have to solve the problem of data capture. Refer to the
CLC5902 data sheet to understand its data capture require-
ments. The sequence below requires an unmodulated
source such as an HP8643 or the HP8644.
1.
If you have not already done so, install the DRCS
Control Panel and Data Capture Board software.
2.
Connect +5V to VCC and ground to GND of con-
nector J3 on the Data Capture Board. When the
boards are connected together in the next step, these
connections will power both boards. Note that VEE
is not required because neither board needs a nega-
tive power supply.
3.
Connect J1 of the DRCS Board to J1 of the Data
Capture Board.
4.
Connect a serial cable from the PC to J9 on the
DRCS Board.
5.
If two serial ports are available on the PC, connect
the other to J9 of the Data Capture Board. If not, the
single port will have to be shared.
6.
Make sure that all DIP switches on both boards are
set to off.
7.
Turn on the power supply.
8.
Start the DRCS Control Panel and Data Capture
Board software.
9.
Configure the COM ports for the DRCS Control
Panel and Data Capture Board software. The COM
Decimal Values (Hex)
Decimal Register
Address (Hex)
-12dB/-12dB
-15dB/-15dB
128 (0x80)
-88 (0xA8)
-82 (0xAE)
129 (0x81)
-88 (0xA8)
-82 (0xAE)
130 (0x82)
-75 (0xB5)
-68 (0xBC)
131 (0x83)
-66 (0xBE)
-60 (0xC4)
132 (0x84)
-61 (0xC3)
-54 (0xCA)
133 (0x85)
-56 (0xC8)
-49 (0xCF)
134 (0x86)
-53 (0xCB)
-46 (0xD2)
135 (0x87)
-50 (0xCE)
-43 (0xD5)
136 (0x88)
-47 (0xD1)
-40 (0xD8)
137 (0x89)
-42 (0xD6)
-36 (0xDC)
138 (0x8A)
-39 (0xD9)
-32 (0xE0)
139 (0x8B)
-36 (0xDC)
-29 (0xE3)
140 (0x8C)
-33 (0xDF)
-26 (0xE6)
141 (0x8D)
-29 (0xE3)
-22 (0xEA)
142 (0x8E)
-25 (0xE7)
-18 (0xEE)
143 (0x8F)
-22 (0xEA)
0 (0x00)
144 (0x90)
-19 (0xED)
0 (0x00)
145 (0x91)
-15 (0xF1)
0 (0x00)
146 (0x92)
0 (0x00)
0 (0x00)
147 (0x93)
0 (0x00)
0 (0x00)
148 (0x94)
0 (0x00)
0 (0x00)
149 (0x95)
0 (0x00)
0 (0x00)
150 (0x96)
0 (0x00)
0 (0x00)
151 (0x97)
0 (0x00)
0 (0x00)
152 (0x98)
0 (0x00)
0 (0x00)
153 (0x99)
0 (0x00)
20 (0x14)
154 (0x9A)
17 (0x11)
23 (0x17)
155 (0x9B)
20 (0x14)
26 (0x1A)
156 (0x9C)
22 (0x16)
29 (0x1D)
157 (0x9D)
27 (0x1B)
34 (0x22)
158 (0x9E)
30 (0x1E)
37 (0x25)
159 (0x9F)
34 (0x22)
40 (0x28)
Table 5
AGC lookup table values for the two AGC
dynamics options.
τ
τ
τ
SW2 Switch Position 7
Settings
Register Name
0
1
$*&B+2/'B,&
00
$*&B5(6(7B(1
00
$*&B)25&(
10
(;3B,1+
00
$*&B&2817
2815
2815
$*&B,&B$%
32
32
Table 6
Register values corresponding to SW2
switch position 7.


Similar Part No. - CLC-DRCS-PCASM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC-DRCS7-PCASM TI1-CLC-DRCS7-PCASM Datasheet
2Mb / 38P
[Old version datasheet]   CLC-DRCS7-PCASM DRCS7 Evaluation Board Users Guide
More results

Similar Description - CLC-DRCS-PCASM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC-DRCS7-PCASM TI1-CLC-DRCS7-PCASM Datasheet
2Mb / 38P
[Old version datasheet]   CLC-DRCS7-PCASM DRCS7 Evaluation Board Users Guide
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
   EVALUATION BOARD USERS GUIDE
SI3462-EVB SILABS-SI3462-EVB Datasheet
1Mb / 32P
   EVALUATION BOARD USERS GUIDE
SI8232 SILABS-SI8232 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com