Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L88CLV-XE Datasheet(PDF) 11 Page - Texas Instruments

Part # COP87L88CLV-XE
Description  COP888CL 8-Bit Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP87L88CLV-XE Datasheet(HTML) 11 Page - Texas Instruments

Back Button COP87L88CLV-XE Datasheet HTML 7Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 8Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 9Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 10Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 11Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 12Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 13Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 14Page - Texas Instruments COP87L88CLV-XE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DC Electrical Characteristics
−55˚C
≤ T
A ≤ +25˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Allowable Sink/Source
Current per Pin
D Outputs (Sink)
12
mA
All others
2.5
mA
Maximum Input Current
150
mA
without Latchup (Note 21)
RAM Retention Voltage, V
r
500 ns Rise
2.0
V
and Fall Time (Min)
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 18: Rate of voltage change must be less then 0.5 V/ms.
Note 19: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at rails and outputs open.
Note 20: The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations. Test conditions: All inputs tied to VCC, L and G ports in the
TRI-STATE mode and tied to ground, all outputs low and tied to ground. The Clock Monitor and the comparators are disabled.
AC Specifications for COP688CL
AC Electrical Characteristics
−55˚C
≤ T
A ≤ +125˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
c)
Crystal, Resonator, or
V
CC ≥ 4.5V
1
DC
µs
External Oscillator
R/C Oscillator (div-by 10)
V
CC ≥ 4.5V
3
DC
µs
Inputs
t
SETUP
V
CC ≥ 4.5V
200
ns
t
HOLD
V
CC ≥ 4.5V
60
ns
Output Propagation Delay (Note 22)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
V
CC ≥ 4.5V
0.7
µs
All Others
V
CC ≥ 4.5V
1
µs
MICROWIRE Setup Time (t
UWS)20
ns
MICROWIRE Hold Time(t
UWH)56
ns
MICROWIRE Output Propagation Delay (t
UPD)
220
ns
Input Pulse Width
Interrupt Input High Time
1
t
c
Interrupt Input Low Time
1
t
c
Timer Input High Time
1
t
c
Timer Input Low Time
1
t
c
Reset Pulse Width
1
µs
Note 21: Pins G6 and RESET are designed with a high voltage input network for factory testing. These pins allow input voltages greater than VCC and the pins will
have sink current to VCCwhen biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC). The effective
resistance to VCC is 750Ω (typical). These two pins will not latch up. The voltage at the pins must be limited to less than 14V.
Note 22: The output propagation delay is referenced to the end of the instruction cycle where the output change occurs.
www.national.com
10


Similar Part No. - COP87L88CLV-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CLV-XE NSC-COP87L88CLV-XE Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
More results

Similar Description - COP87L88CLV-XE

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com