Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17527Q5A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17527Q5A
Description  30V, N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17527Q5A Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD17527Q5A Datasheet HTML 4Page - Texas Instruments CSD17527Q5A Datasheet HTML 5Page - Texas Instruments CSD17527Q5A Datasheet HTML 6Page - Texas Instruments CSD17527Q5A Datasheet HTML 7Page - Texas Instruments CSD17527Q5A Datasheet HTML 8Page - Texas Instruments CSD17527Q5A Datasheet HTML 9Page - Texas Instruments CSD17527Q5A Datasheet HTML 10Page - Texas Instruments CSD17527Q5A Datasheet HTML 11Page - Texas Instruments CSD17527Q5A Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CSD17327Q5A
SON
DQJ
8
2500
340.0
340.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Mar-2012
Pack Materials-Page 2


Similar Part No. - CSD17527Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17522Q5A TI1-CSD17522Q5A Datasheet
282Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET Power MOSFETs
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results

Similar Description - CSD17527Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com