Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1282IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1282IPWR
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282IPWR Datasheet(HTML) 2 Page - Texas Instruments

  DAC1282IPWR Datasheet HTML 1Page - Texas Instruments DAC1282IPWR Datasheet HTML 2Page - Texas Instruments DAC1282IPWR Datasheet HTML 3Page - Texas Instruments DAC1282IPWR Datasheet HTML 4Page - Texas Instruments DAC1282IPWR Datasheet HTML 5Page - Texas Instruments DAC1282IPWR Datasheet HTML 6Page - Texas Instruments DAC1282IPWR Datasheet HTML 7Page - Texas Instruments DAC1282IPWR Datasheet HTML 8Page - Texas Instruments DAC1282IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com.
RELATED PRODUCTS
DESCRIPTION
DEVICE
High-resolution ADC
ADS1281
High-resolution ADC with PGA
ADS1282
Low-drift 5 V reference
REF5050
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
DAC1282
MIN
MAX
UNIT
AVDD to AVSS
–0.3
+5.5
V
AVSS to DGND
–2.8
+0.3
V
DVDD to DGND
–0.3
+3.6
V
Input current continuous
–10
+10
mA
Analog input/output voltage
AVSS
– 0.3
AVDD + 0.3
V
Switch current
–60
+60
mA
Digital input voltage to DGND
–0.3
DVDD + 0.3
V
Operating temperature range
–50
+125
°C
Storage temperature range
–60
+150
°C
JEDEC standard 22, test
V
Human body model (HBM)
±2000
method A114-C.01, all pins
ESD ratings
JEDEC standard 22, test
V
Charge device model (CDM)
±500
method C101, all pins
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282


Similar Part No. - DAC1282IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1282IPWR TI1-DAC1282IPWR Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
More results

Similar Description - DAC1282IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic Monitoring
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
   Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
   Low Power Analog to Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com