Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675AIPHPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC5675AIPHPRG4
Description  14-Bit, 400MSPS Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675AIPHPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5675AIPHPRG4 Datasheet HTML 6Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 7Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 8Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 9Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 10Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 11Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 12Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 13Page - Texas Instruments DAC5675AIPHPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
Output Frequency (MHz)
90
86
82
78
74
70
66
62
58
54
50
10
30
20
50
60
40
80
70
90
100 110 120
V
CC = VAA = 3.3V
f
CLK = 200MHz
0dBFS
−3dBFS
−6dBFS
Frequency
18
−25
−35
−45
−55
−65
−75
−85
−95
−105
−115
23
28
33
38
43
V
CC = VAA = 3.3V
f
CLK = 122.88MHz
f
CENTER = 30.72MHz
ACLR = 72.29dB
Frequency
82.2
−30
−40
−50
−60
−70
−80
−90
−100
−110
87.2
92.2
97.2
10.2
V
CC = V AA = 3.3V
f
CLK = 3 68.64M Hz
f
CENTER =
92.16MHz
ACLR = 65dBc
Output Frequency (MHz)
80
78
76
74
72
70
68
66
64
62
60
10
30
50
70
90
110
130
150
V
CC = VAA = 3.3V
f
CLK = 399.36MHz
Single Channel
DAC5675A
SBAS334C – NOVEMBER 2004 – REVISED MARCH 2005
TYPICAL CHARACTERISTICS (continued)
SPURIOUS-FREE DYNAMIC RANGE vs FREQUENCY
W-CDMA TM1 SINGLE CARRIER
POWER vs FREQUENCY
Figure 9.
Figure 10.
W-CDMA TM1 DUAL CARRIER
W-CDMA TM1 SINGLE CARRIER
POWER vs FREQUENCY
ACLR vs OUTPUT FREQUENCY
Figure 11.
Figure 12.
10


Similar Part No. - DAC5675AIPHPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675AHFG TI1-DAC5675AHFG Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675AHFG/EM TI1-DAC5675AHFG/EM Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
More results

Similar Description - DAC5675AIPHPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
Maxwell Technologies
5675 MAXWELL-5675 Datasheet
189Kb / 16P
   14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 28P
[Old version datasheet]   400MSPS ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5542 BURR-BROWN-ADS5542 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com