Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH020-0850-35G9-00000TW Datasheet(PDF) 1 Page - Cree, Inc

Part # LMH020-0850-35G9-00000TW
Description  Cree짰 LMH2 850-lm and 1250-lm LED Modules with TrueWhite짰 Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH020-0850-35G9-00000TW Datasheet(HTML) 1 Page - Cree, Inc

  LMH020-0850-35G9-00000TW Datasheet HTML 1Page - Cree, Inc LMH020-0850-35G9-00000TW Datasheet HTML 2Page - Cree, Inc LMH020-0850-35G9-00000TW Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product family data sheet
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and TrueWhite are registered trademarks and Cree TrueWhite is a trademark of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree® lmh2 850-lm and 1250-lm led modules
with trueWhite® technology
Cree LeD modules provide lighting designers and manufacturers with simple, easy-to-adopt LeD lighting solutions
that reduce luminaire development time and speed time-to-market. The Cree LMH2 850-lm and 1250-lm LeD modules
are the ideal choice for enabling rapid luminaire development where bright, beautiful, long-life lighting is required.
The LMH series of modules incorporates Cree’s award-winning TrueWhite LeD technology into a system of driver
electronics, optics and primary thermal management for use in residential and commercial lighting applications. This
versatile LeD lighting module jump-starts the design process for recessed downlights, wall sconces or pendant lights
in demanding end markets such as retail, museums, hospitality and restaurants.
Benefits for luminaire designers
• Faster time-to-market and lower system cost with concurrently
designed and tested optics, driver electronics, and primary
thermal management
• Designflexibilityprovidedbyseparatedlightsourceandpower
supply with broad selection of mounting and wiring options
• Wide variety of design applications enabled with 2700 K,
3000 K, 3500 K and 4000 K CCT
• Industry-leading 5-year limited system warranty backed by
patented, reliable Cree LeD technology
• Rapidregulatoryapprovalandvoluntaryqualificationoffinal
luminaire enabled by:
◦ UL approval (120 v and 277 v)
◦ CEcertification(230V)
◦ California Title 24 compliance (120 v and 277 v)
◦ LeD LM-80 data for US eNeRGY STAR
Benefits for end users
• vibrant color rendering showcases the full beauty of people,
rooms, and merchandise with > 90 CRI
• Significant energy savings over traditional lighting sources
throughsuperiorefficacy>80lm/W
• Proprietary optics provide a uniform, visually comfortable
appearance whether the module is powered on or off
• Designed to last 50,000 hours at L
70
• Consistent light quality over time and temperature delivered
by built-in optical and thermal management system
• Specification grade dimmability down to 5% of rated light
output using standard incandescent and electronic low-voltage
dimmers (120 v and 230 v only)
• No Uv or mercury
features
• Industry-leading module efficacy (light source + driver) at
80 lm/W
• 850-and1250-lumenlightingunits,thefirstmembersofan
extended family of modules
• Optional heat sink
Light Source
120 v & 277 v Driver
230 v Driver


Similar Part No. - LMH020-0850-35G9-00000TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMH020-0850-35F9-00000TW CREE-LMH020-0850-35F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
More results

Similar Description - LMH020-0850-35G9-00000TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
logo
Bourns Electronic Solut...
CRM2512-FX-R330ELF BOURNS-CRM2512-FX-R330ELF Datasheet
294Kb / 3P
   Thick fi lm technology
logo
RAYEX ELECTRONICS CO., ...
LMP1HA-12D RAYEX-LMP1HA-12D Datasheet
68Kb / 2P
   LM SERIES
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com