Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH020-1250-35G9-00000TW Datasheet(PDF) 2 Page - Cree, Inc

Part # LMH020-1250-35G9-00000TW
Description  Cree짰 LMH2 850-lm and 1250-lm LED Modules with TrueWhite짰 Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH020-1250-35G9-00000TW Datasheet(HTML) 2 Page - Cree, Inc

  LMH020-1250-35G9-00000TW Datasheet HTML 1Page - Cree, Inc LMH020-1250-35G9-00000TW Datasheet HTML 2Page - Cree, Inc LMH020-1250-35G9-00000TW Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LMH2 850-LM & 1250-LM LED MoDuLE
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and TrueWhite are registered
trademarks and Cree TrueWhite is a trademark of Cree, Inc.
2
characteristics
Cree TrueWhite technology is a revolutionary way of generating white light with LEDs. It delivers high efficacy with beautiful light
characteristics and color accuracy, while maintaining color consistency over the life of the product.
lmh2
light source
luminous flux
(lm)1,2
cct (K)
cri
average input
Power (W)1
Module Efficacy
(lm/W)3
order code
850
4000
> 90
10.5
80
LMH020-0850-40G9-00000TW
3500
> 90
10.5
80
LMH020-0850-35G9-00000TW
3000
> 90
10.5
80
LMH020-0850-30G9-00000TW
2700
> 90
10.5
80
LMH020-0850-27G9-00000TW
1250
4000
> 90
15.5
80
LMH020-1250-40G9-00000TW
3500
> 90
15.5
80
LMH020-1250-35G9-00000TW
3000
> 90
15.5
80
LMH020-1250-30G9-00000TW
2700
> 90
15.5
80
LMH020-1250-27G9-00000TW
lmd125
driver
max. rated
input Power
(W)1
input
Voltage (V)1
frequency
(hz)
Power factor
dimming
order code
850
lm
1250
lm
18
120
60
.97
.99
TRIAC
LMD125-0018-C440-1010000
17
277
60
.92
.98
N/A
LMD125-0017-C440-3000000
18
230
50/60
.90
.95
TRIAC
LMD125-0018-C440-2010000
1.
±10%variance
2.
Measured at steady state, T
C = 55 °C
3.
Includes LMD125 driver losses
The operating temperature at the case temperature (Tc) point is 0-70 °C.
chromaticity
The Cree LMH2 LeD module provides high color consistency
within a 3-step MacAdams ellipse around the specified color
temperature. Individual LeDs are tested and matched to meet
ourdesignedchromaticityspecification.
Secondary optics can be added to the module but will reduce light
output and may also alter the color characteristics of the final
luminaire design.
thermal management guidelines
The Cree LMH2 LeD module is designed to perform in a variety
of environments without the need for active cooling. To achieve
lifetime and performance estimates, and to maintain the warranty,
thefinalluminairedesigncannotallowtheTcpointshownonpage
one to exceed 70 °C for the light source or power supply when
the luminaire is at thermal equilibrium. Follow the mechanical
and thermal design guidelines listed in the “Cree LMH2 LeD
Module Design Guide” to ensure proper thermal management.
An optional heat sink is available.
Note: The heat sink is designed to work with all LMH2 lumen
levels.
optional heat sink
order code
LMH020-HS00-0000-0000001
Photometry
intensity
(candlepower)
angle
850
1250
402
575
399
571
15°
375
539
25°
331
479
35°
270
394
45°
202
297
55°
136
202
65°
79
118
75°
30
45
85°
3
5
90°
0
0
Zonal lumens - 1250
Zone
lumens
%
0-30°
426
34
0-40°
672
54
0-60°
1082
86
0-90°
1256
100
0-180°
1256
100
Zonal lumens - 850
Zone
lumens
%
0-30°
295
34
0-40°
464
54
0-60°
742
87
0-90°
858
100
0-180°
858
100
300
200
100
0
45
90
400
500
600
°
°


Similar Part No. - LMH020-1250-35G9-00000TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMH020-1250-35F9-00000TW CREE-LMH020-1250-35F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
More results

Similar Description - LMH020-1250-35G9-00000TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
logo
Bourns Electronic Solut...
CRM2512-FX-R330ELF BOURNS-CRM2512-FX-R330ELF Datasheet
294Kb / 3P
   Thick fi lm technology
logo
RAYEX ELECTRONICS CO., ...
LMP1HA-12D RAYEX-LMP1HA-12D Datasheet
68Kb / 2P
   LM SERIES
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com