Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS0001 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS0001
Description  10.3Gbps Thunderbolt??and DisplayPort??Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS0001 Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS0001 Datasheet HTML 1Page - Texas Instruments HD3SS0001 Datasheet HTML 2Page - Texas Instruments HD3SS0001 Datasheet HTML 3Page - Texas Instruments HD3SS0001 Datasheet HTML 4Page - Texas Instruments HD3SS0001 Datasheet HTML 5Page - Texas Instruments HD3SS0001 Datasheet HTML 6Page - Texas Instruments HD3SS0001 Datasheet HTML 7Page - Texas Instruments HD3SS0001 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD3SS0001
www.ti.com
SLAS827 – FEBRUARY 2012
TRUTH TABLE
Control Lines
Device & PU/PD Configurations
MUX Outputs
Device Mode States
S0
TBC-4
TBC-16/TBC-18 (AUX)
DP_EN
10G_EN
2:1 Mux
3:1 Mux
Integrated PU/PD State
(System Power State)
(CA_Detect)
(DP ML)
(TB 10Gbps)
1 (System Active)
1
1
X - Don't Care
LSTx & LSRx
TB Rx_1
Off
Thunderbolt 10G Mode
0 (System Sleep)
1
1
X - Don't Care
LSTx & LSRx
3-stated
Off
1 (System Active)
0
0
0
DP ML1
AUX
On
DisplayPort Mode
0 (System Sleep)
0
0
0
3-stated
3-stated
On
1 (System Active)
0
0
1
DP ML1
DDC
Off
TMDS Mode
0 (System Sleep)
0
0
1
3-stated
3-stated
Off
1 (System Active)
1
0
X - Don't Care
LSTx & LSRx
3-stated
On
Detect Mode
0 (System Sleep)
1
0
X - Don't Care
LSTx & LSRx
3-stated
On
Sleep Power Mode/ Invalid
X - Don't Care
0
1
X - Don't Care
3-stated
3-stated
Off
State Modes
MUX PIN CONNECTION TABLE
(1)
CONNECTOR SIDE PIN
CONTROLLER SIDE PIN
TBC-16
DDC_SCL or AUX(p) or TB Rx_1(p)
TBC-18
DDC_SDA or AUX(n) or TB Rx_1(n)
TBC-9
ML1(p) or LSTx
TBC-11
ML1(n) or LSRx
TBC-4
CA_DET
TBC-2
HPD
(1)
The HD3SS0001 can tolerate polarity inversions for the differential signals denoted by the (p) and (n) terminology to ease potential
board routing issues.The LSTx/LSRx cannot be swapped since they are buffered and therefore uni-directional. Also, note the integrated
pullup on TBC-18 and the integrated pulldown on TBC-16 cannot be swapped.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NUMBER
NAME
27
AUX(p)
Controller Side AUX Positive Signal
I/O
28
AUX(n)
Controller Side AUX Negative Signal
5
TB Rx_1(p)
Controller Side 10Gbps Positive Signal
O
6
TB Rx_1(n)
Controller Side 10Gbps Negative Signal
8
ML1(p)
Controller Side Channel 1, DisplayPort Main Link 1 Positive Signal
I
9
ML1(n)
Controller Side Channel 1, DisplayPort Main Link 1 Negative Signal
20
TBC-16
Connector Side 10G or AUX Positive Signal or DDC CLK with integrated pulldown
I/O
19
TBC-18
Connector Side 10G or AUX Negative Signal or DDC Data with integrated pullup
17
TBC-9
Connector Side DP Main Link 1 Positive Signal or UART TX
I/O
16
TBC-11
Connector Side DP Main Link 1 Negative Signal or UART RX
25
DDC_SCL
I/O
Controller Side DDC ClockController Side DDC Data
26
DDC_SDA
2
CA_DET
O
Controller Side Cable Detect
23
TBC-4
I
Connector Side Cable Detect with integrated pulldown
3
HPD
O
Controller Side Hot Plug Detect
22
TBC-2
I
Connector Side Hot Plug Detect
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :HD3SS0001


Similar Part No. - HD3SS0001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001 Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
HD3SS0001RLLR TI1-HD3SS0001RLLR Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
HD3SS0001 TI1-HD3SS0001_14 Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
More results

Similar Description - HD3SS0001

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3TB212 PERICOM-PI3TB212 Datasheet
824Kb / 11P
   10.3Gbps Thunderbolt and DisplayPort Switch
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001_14 Datasheet
757Kb / 17P
[Old version datasheet]   10.3Gbps Thunderbolt Port and DisplayPort Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
   USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
P586-006-HDMI TRIPPLITE-P586-006-HDMI Datasheet
167Kb / 2P
   Mini DisplayPort / Thunderbolt to HDMI Cable Adapter (M/M), 6-ft.
logo
Maxim Integrated Produc...
MAX3971 MAXIM-MAX3971 Datasheet
1Mb / 10P
   3.3V, 10.3Gbps Limiting Amplifier
Rev 1; 12/02
logo
Tripp Lite. All Rights ...
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
   USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
logo
NXP Semiconductors
CBTL05023 NXP-CBTL05023 Datasheet
107Kb / 4P
   Multiplexer/demultiplexer switch for Thunderbolt applications
Rev. 2-15 August 2012
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com