Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA6119 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DPA6119
Description  16 Pin DIP SSR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DPA6119 Datasheet(HTML) 1 Page - Crydom Inc.,

  DPA6119 Datasheet HTML 1Page - Crydom Inc., DPA6119 Datasheet HTML 2Page - Crydom Inc., DPA6119 Datasheet HTML 3Page - Crydom Inc., DPA6119 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DPA Series
• 16 Pin DIP SSR
• Ratings to 1A @ 280 VAC
• SCR output
• Voltage or current-control input
• Zero-crossing (resistive loads) output
PRODUCT SELECTION
Control Voltage
3.5-10 VDC
DPA4119
DPA6119
10-35 mA
DPA4111
DPA6111
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
DPA41xx
DPA61xx
Operating Voltage (47-63Hz) [Vrms]
20-140
20-280
Transient Overvoltage [Vpk]
400
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.01
0.01
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
Maximum Load Current [Arms]
1.0
1.0
Minimum Load Current [Arms]
0.025
0.025
Maximum Surge Current (16.6ms) [Apk]
30
30
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.2
1.2
Minimum Power Factor (with Maximum Load)
0.5
0.5
INPUT SPECIFICATIONS (1)
Description
DPAxx11
DPAxx19
Control Voltage Range
-
3.5-10 VDC
Control Current Range
10-35 mA
-
Must Turn Off-State Current
1.0 mA
-
Must Turn Off-State Voltage
-
1.0 VDC
Typical Input Current @ 5 VDC
-
15 mAdc
Nominal Input Impedance
-
270 Ohm
Maximum Turn-On Time [msec]
1/2 Cycle
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle


Similar Part No. - DPA6119

ManufacturerPart #DatasheetDescription
logo
International Rectifier
DPA6119 IRF-DPA6119 Datasheet
110Kb / 4P
   DPA Series Microelectronic Power IC Relay
logo
Crydom Inc.,
DPA6119 CRYDOM-DPA6119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - DPA6119

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
PR3BMF11NSZ SHARP-PR3BMF11NSZ Datasheet
63Kb / 3P
   8-Pin DIP Type, Large Output current SSR
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
   8-pin DIP Type SSR for Low Power Control
logo
Connor-Winfield Corpora...
SD01-353 CONNOR-WINFIELD-SD01-353 Datasheet
43Kb / 1P
   16 PIN DIP SINEWAVE
SD03-153 CONNOR-WINFIELD-SD03-153 Datasheet
44Kb / 1P
   16 PIN DIP SINEWAVE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com