Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC24V050W1AA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PMC24V050W1AA
Description  24V 75W 1 Phase
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC24V050W1AA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PMC24V050W1AA Datasheet HTML 1Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 2Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 3Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 4Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 5Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 6Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 7Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 8Page - Delta Electronics, Inc. PMC24V050W1AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Panel Mount Power Supply
Technical Information
PMC-24V075W1AA
3/13
Rev: 01,
2/11/2011
5.) Mechanical Data
Dimension
128 mm X 97 mm X 38 mm (L X W X H)
Cooling System
Convection
Input Terminal & Output Terminal
Terminal Block 5 pin (300VAC, 20A)
Mounting Rail
Standard T35 Mounting Rail (35mm) EN60715
Connection
Screw Terminal
Input wire size
AWG 22-14
Output wire size
AWG 22-14
Indicator
Green LED “DC OK” LED (Same LED will Flicker upon fault)
Type of housing
Aluminium
Weight
0.300Kg
6.) Certification/Safety Standards
EMI : Immunity to interference according to EN 61000-6-2
 EN 61000-4-2 1)
Housing:
Discharge of static electricity (ESD)
Air Discharge:
Contact discharge:
LEVEL 4
15 KV
8 KV
 EN 61000-4-3 1)
Housing:
Radiate Field Immunity
Frequency/Field intensity:
LEVEL 3
80MHz - 1GHz / 10V/M with 1kHz tone / 80% modulation.
 EN 61000-4-4 1)
Fast transients (Burst Immunity):
LEVEL 3
2KV
4)
 IEC 61000-4-5 1)
Surge voltage Immunity:
Common Mode:
Differential Mode:
LEVEL 3
2 KV
3)
1 KV
4)
 EN 61000-4-6 1)
I/O:
Conducted Immunity
Frequency / Uo:
LEVEL 3
0.15MHz - 80MHz / 10Vrms.
 EN 61000-4-8 1)
Power frequency magnetic field
LEVEL 3
10A/Meter
 EN 61000-4-11 2)
Voltage dips
100% dip, Input: Main Buffering > 20ms.Self Recoverable
EMC : Noise emission according to EN 61000-6-3
 Emitted radio interface
 Radio interference voltage
FCC Title 47, Class B / EN55022, CISPR22, CISPR11, CLASS B
5
FCC Title 47, Class B / EN55022, CISPR22, CISPR11, CLASS B
5
Galvanic Isolation :
Input / output
type test/routine test :
Input / PE
type test/routine test :
output / PE
type test/routine test :
3KVAC
1.5KVAC
0.5KVAC
Electrical equipment of machines
TUV to EN60950-1 and IEC60204-1
(With overvoltage category III)
Electronic equipment for use in electrical power Installations
TUV to EN50178 and IEC62103
Safety entry low voltage
PELV (EN60204), SELV (EN60950)
Electrical Safety for Information technology equipment
UR/cUR recognize to UL60950-1 and CSA C22.2 No.60950-1,
CB test certificate and report to IEC60950-1/EN60950-1,
TUV, CCC
Electrical Safety for Industrial Control Equipment
UR/cUR Listed to UL508 and CSA C22.2,
CE (EMC and Low Voltage directive)
Protection against electric shock
DIN 57100-410
Conformance with EMC guideline 2004/108/EC
and for low voltage guideline 2006/95/EC :
Compliant with following standards :
IEC60950-1/EN60950-1 : 2006/95/EC (Low Voltage Directive)
EN55011 Class B
: 2004/108/EC (EMC Directive)
EN55022 Class B
ITE
EN55022, EN61000-3-2,EN61000-3-3, EN55024
Industrial
EN55011
Limitation of mains harmonic currents
EN61000-3-2
EN55011 corresponds to CISPR11 / EN55022 corresponds to CISPR22 / EN 61000 corresponds to IEC 61000
1) Criterion A:
Normal operating behavior within the defined limits.
2) Criterion B:
Temporary impairment to operational behavior that is corrected by the device itself.
3) Symmetrical: Conductor to conductor.
4) Asymmetrical: Conductor to ground.
5) Class B:
Area of application industry and residential.


Similar Part No. - PMC24V050W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC24V050W1AA DELTA-PMC24V050W1AA Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC24V050W1AA DELTA-PMC24V050W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
More results

Similar Description - PMC24V050W1AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA_11 Datasheet
994Kb / 13P
   24V 35W 1 Phase
PMC-24V300W1BA DELTA-PMC-24V300W1BA Datasheet
929Kb / 14P
   24V 300W 1 Phase
PMC-24V150W1AA DELTA-PMC-24V150W1AA Datasheet
861Kb / 13P
   24V 150W 1 Phase
logo
Weidmuller
2660200283 WEIDMULLER-2660200283 Datasheet
150Kb / 3P
   PRO PM 75W 24V 3.2A
logo
Delta Electronics, Inc.
PMC-DSPV100W1A DELTA-PMC-DSPV100W1A Datasheet
925Kb / 13P
   Dual 24V/5V 100W 1 Phase
logo
M/A-COM Technology Solu...
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
   RF Power MOSFET Transistor 75W, 30-90MHz, 24V
logo
Delta Electronics, Inc.
PMC-24V100W1AA DELTA-PMC-24V100W1AA Datasheet
944Kb / 2P
   Panel Mount Power Supply 24V 100W 1 Phase
logo
Tyco Electronics
FH2114 MACOM-FH2114 Datasheet
73Kb / 1P
   RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
logo
Delta Electronics, Inc.
PMC-24V035W1AA DELTA-PMC-24V035W1AA Datasheet
878Kb / 2P
   Panel Mount Power Supply 24V 35W 1 Phase
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com