Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39115JXX25 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD39115JXX25
Description  150 mA low quiescent current low noise voltage regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115JXX25 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD39115JXX25 Datasheet HTML 6Page - STMicroelectronics LD39115JXX25 Datasheet HTML 7Page - STMicroelectronics LD39115JXX25 Datasheet HTML 8Page - STMicroelectronics LD39115JXX25 Datasheet HTML 9Page - STMicroelectronics LD39115JXX25 Datasheet HTML 10Page - STMicroelectronics LD39115JXX25 Datasheet HTML 11Page - STMicroelectronics LD39115JXX25 Datasheet HTML 12Page - STMicroelectronics LD39115JXX25 Datasheet HTML 13Page - STMicroelectronics LD39115JXX25 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
LD39115Jxx
10/23
Doc ID 15527 Rev 5
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 6: Typical
performance characteristics)
122
µF
1.
For VOUT(NOM) < 1.2 V, VIN = 1.5 V.
2.
All transient values are guaranteed by design, not production tested.
3.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for output voltages below 1.5 V.
4.
Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage just
reaching 95 % of its nominal value.
Table 6.
Electrical characteristics for LD39115SJxx (continued) (1)


Similar Part No. - LD39115JXX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
LD39115J10R STMICROELECTRONICS-LD39115J10R Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
LD39115J12R STMICROELECTRONICS-LD39115J12R Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
LD39115J14R STMICROELECTRONICS-LD39115J14R Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
LD39115J15R STMICROELECTRONICS-LD39115J15R Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
More results

Similar Description - LD39115JXX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com