Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39050PU105R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD39050PU105R
Description  500 mA low quiescent current low noise voltage regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PU105R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD39050PU105R Datasheet HTML 2Page - STMicroelectronics LD39050PU105R Datasheet HTML 3Page - STMicroelectronics LD39050PU105R Datasheet HTML 4Page - STMicroelectronics LD39050PU105R Datasheet HTML 5Page - STMicroelectronics LD39050PU105R Datasheet HTML 6Page - STMicroelectronics LD39050PU105R Datasheet HTML 7Page - STMicroelectronics LD39050PU105R Datasheet HTML 8Page - STMicroelectronics LD39050PU105R Datasheet HTML 9Page - STMicroelectronics LD39050PU105R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
LD39050xx
6/24
4
Electrical characteristics
TJ = 25 °C, VIN = 1.8 V, CIN = COUT = 1 µF, IOUT = 10 mA, VEN = VIN, unless otherwise
specified.
Table 6.
Electrical characteristics for the LD39050PU
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VADJ
VADJ accuracy
IOUT =10 mA, TJ = 25°C
784
800
816
mV
IOUT = 10 mA, -40°C<TJ<125°C
776
800
824
IADJ
Adjust pin current
1µA
ΔVOUT Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V,
IOUT = 1 mA
0.01
%/V
ΔVOUT Transient line regulation (1)
ΔVIN=500 mV, IOUT=10 mA, tR=5
µs
10
mVpp
ΔVIN=500 mV, IOUT=10 mA, tF=5 µs
10
ΔVOUT Static load regulation
IOUT = 10 mA to 500 mA
0.002
%/mA
ΔVOUT Transient load regulation (1)
IOUT = 10 mA to 500 mA, tR=5µs
40
mVpp
IOUT = 10 mA to 500 mA, tF=5µs
40
VDROP Dropout voltage
(2)
IO = 500mA, VOUT fixed to 1.5V
40°C<TJ<125°C
200
400
mV
eN
Output noise voltage
10Hz to 100kHz, IOUT = 100 mA,
VOUT = 0.8 V
30
µVRMS
SVR
Supply voltage rejection
VOUT = 0.8V
VIN = 1.8V+/-VRIPPLE
VRIPPLE = 0.25V, freq. = 1kHz
IOUT = 10 mA
65
dB
VIN = 1.8V+/-VRIPPLE
VRIPPLE = 0.25V, freq.=10 kHz
IOUT = 100 mA
62
IQ
Quiescent current
IOUT = 0 mA
20
µA
IOUT= 0 mA, -40°C<TJ<125°C
50
IOUT = 0 to 500mA
100
IOUT=0 to 500mA, -
40°C<TJ<125°C
200
VIN input current in off mode:
VEN = GND
(3)
0.001
1
PG
Power Good output threshold
Rising edge
0.92*
VOUT
V
Falling edge
0.8*
VOUT
Power Good output voltage low Isink=6mA open drain output
0.4
V
ISC
Short-circuit current
RL=0
600
800
mA


Similar Part No. - LD39050PU105R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39050PU25R STMICROELECTRONICS-LD39050PU25R Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
LD39050PU33R STMICROELECTRONICS-LD39050PU33R Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
LD39050PUR STMICROELECTRONICS-LD39050PUR Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results

Similar Description - LD39050PU105R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
logo
Microchip Technology
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
logo
ON Semiconductor
NCP705 ONSEMI-NCP705 Datasheet
1Mb / 20P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com