Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF411883 Datasheet(PDF) 4 Page - Texas Instruments

Part # LF411883
Description  LF411 Low Offset, Low Drift JFET Input Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF411883 Datasheet(HTML) 4 Page - Texas Instruments

  LF411883 Datasheet HTML 1Page - Texas Instruments LF411883 Datasheet HTML 2Page - Texas Instruments LF411883 Datasheet HTML 3Page - Texas Instruments LF411883 Datasheet HTML 4Page - Texas Instruments LF411883 Datasheet HTML 5Page - Texas Instruments LF411883 Datasheet HTML 6Page - Texas Instruments LF411883 Datasheet HTML 7Page - Texas Instruments LF411883 Datasheet HTML 8Page - Texas Instruments LF411883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AC Electrical Characteristic (Note 5) (Continued)
Symbol
Parameter
Conditions
LF411A
LF411
Units
Min
Typ
Max
Min
Typ
Max
THD
Total Harmonic Distortion
A
V=+10, RL=10k,
V
O=20 Vp-p,
BW=20 Hz−20 kHz
<0.02
<0.02
%
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
Note 3: For operating at elevated temperature, these devices must be derated based on a thermal resistance of
θjA.
Note 4: These devices are available in both the commercial temperature range 0˚C
≤TA≤70˚C and the military temperature range −55˚C≤TA≤125˚C. The
temperature range is designated by the position just before the package type in the device number. A “C” indicates the commercial temperature range andan“M”
indicates the military temperature range. The military temperature range is available in “H” package only.
Note 5: Unless otherwise specified, the specifications apply over the full temperature range and for VS=±20V for the LF411A and for VS=±15V for the LF411. VOS,
IB, and IOS are measured at VCM=0.
Note 6: The LF411A is 100% tested to this specification. The LF411 is sample tested to insure at least 90% of the units meet this specification.
Note 7: The input bias currents are junction leakage currents which approximately double for every 10˚C increase in the junction temperature, Tj. Due to limited
production test time, the input bias currents measured are correlated to junction temperature. In normal operation the junction temperature rises above the ambient
temperature as a result of internal power dissipation, PD.Tj=TAjA PD where θjA is the thermal resistance from junction to ambient. Use of a heat sink is
recommended if input bias current is to be kept to a minimum.
Note 8: Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice, from
±15V to ±5V for the LF411 and from ±20V to ±5V for the LF411A.
Note 9: RETS 411X for LF411MH and LF411MJ military specifications.
Note 10: Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the part to operate
outside guaranteed limits.
Typical Performance Characteristics
Input Bias Current
Input Bias Current
00565511
00565512
www.national.com
3


Similar Part No. - LF411883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411883 TI1-LF411883 Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
More results

Similar Description - LF411883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411-N TI-LF411-N Datasheet
874Kb / 16P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
[Old version datasheet]   LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com