Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF411CN Datasheet(PDF) 2 Page - Texas Instruments

Part # LF411CN
Description  LF411 Low Offset, Low Drift JFET Input Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF411CN Datasheet(HTML) 2 Page - Texas Instruments

  LF411CN Datasheet HTML 1Page - Texas Instruments LF411CN Datasheet HTML 2Page - Texas Instruments LF411CN Datasheet HTML 3Page - Texas Instruments LF411CN Datasheet HTML 4Page - Texas Instruments LF411CN Datasheet HTML 5Page - Texas Instruments LF411CN Datasheet HTML 6Page - Texas Instruments LF411CN Datasheet HTML 7Page - Texas Instruments LF411CN Datasheet HTML 8Page - Texas Instruments LF411CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LF411
Low Offset, Low Drift JFET Input Operational Amplifier
General Description
These devices are low cost, high speed, JFET input opera-
tional amplifiers with very low input offset voltage and guar-
anteed input offset voltage drift. They require low supply
current yet maintain a large gain bandwidth product and fast
slew rate. In addition, well matched high voltage JFET input
devices provide very low input bias and offset currents. The
LF411 is pin compatible with the standard LM741 allowing
designers to immediately upgrade the overall performance of
existing designs.
These amplifiers may be used in applications such as high
speed integrators, fast D/A converters, sample and hold
circuits and many other circuits requiring low input offset
voltage and drift, low input bias current, high input imped-
ance, high slew rate and wide bandwidth.
Features
n
Internally trimmed offset voltage:
0.5 mV(max)
n
Input offset voltage drift:
10 µV/˚C(max)
n
Low input bias current:
50 pA
n
Low input noise current:
0.01 pA/
Hz
n
Wide gain bandwidth:
3 MHz(min)
n
High slew rate:
10V/µs(min)
n
Low supply current:
1.8 mA
n
High input impedance:
10
12
n
Low total harmonic distortion:
≤0.02%
n
Low 1/f noise corner:
50 Hz
n
Fast settling time to 0.01%:
2 µs
Typical Connection
00565501
Ordering Information
LF411XYZ
X indicates electrical grade
Y indicates temperature range
“M” for military
“C” for commercial
Z indicates package type
“H” or “N”
Connection Diagrams
Metal Can Package
00565505
Note: Pin 4 connected to case.
Top View
Order Number LF411ACH
or LF411MH/883 (Note 11)
See NS Package Number H08A
Dual-In-Line Package
00565507
Top View
Order Number LF411ACN, LF411CN
See NS Package Number N08E
BI-FET IIis a trademark of National Semiconductor Corporation.
August 2000
© 2004 National Semiconductor Corporation
DS005655
www.national.com


Similar Part No. - LF411CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411CN NSC-LF411CN Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411CN TI1-LF411CN Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF411CN/NOPB TI1-LF411CN/NOPB Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
More results

Similar Description - LF411CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411-N TI-LF411-N Datasheet
874Kb / 16P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
[Old version datasheet]   LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com