Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185BYH-1.2-SMD Datasheet(PDF) 5 Page - Texas Instruments

Part # LM185BYH-1.2-SMD
Description  LM185-1.2QML Micropower Voltage Reference Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM185BYH-1.2-SMD Datasheet(HTML) 5 Page - Texas Instruments

  LM185BYH-1.2-SMD Datasheet HTML 1Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 2Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 3Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 4Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 5Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 6Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 7Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 8Page - Texas Instruments LM185BYH-1.2-SMD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LM185–1.2 Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 10µA
1.223 1.247
V
1
I
R = 20µA
1.205
1.26
V
2, 3
I
R = 1mA
1.223 1.247
V
1
1.205
1.26
V
2, 3
I
R = 20mA
1.223 1.247
V
1
1.205
1.26
V
2, 3
∆V
Ref /
∆I
R
Reverse Breakdown Voltage
Change with Current
10µA
≤ I
R
≤ 1mA
-1.0
1.0
mV
1
20µA
≤ I
R
≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ I
R
≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
V
F
Forward Bias Voltage
I
F = 2mA
-1.0
-0.4
V
1
DC Drift Parameters
Delta calculations performed on QMLV devices at group B , subgroup 5, unless otherwise specified on the IPI.
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
R
Reverse Breakdown Voltage
I
R = 10µA
-0.01
0.01
V
1
I
R = 20mA
-0.01
0.01
V
1
LM185BY–1.2 Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Ref
Reverse Breakdown Voltage
I
R = 10µA
1.223 1.247
V
1
I
R = 20µA
1.205
1.26
V
2, 3
I
R = 1mA
1.223 1.247
V
1
1.205
1.26
V
2, 3
I
R = 20mA
1.223 1.247
V
1
1.205
1.26
V
2, 3
∆V
Ref /
∆I
R
Reverse Breakdown Voltage
Change with Current
10µA
≤ I
R
≤ 1mA
-1.0
1.0
mV
1
20µA
≤ I
R
≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ I
R
≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
V
F
Forward Bias Voltage
I
F = 2mA
-1.0
-0.4
V
1
T
C
Temperature Coefficient
(Note 4)
50
PPM/˚C
2, 3
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction
to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax -TA)/θJA or the
number given in the Absolute Maximum Ratings, whichever is lower.
Note 3: Human body model, 1.5K
Ω in series with 100pF.
Note 4: The average temperature coefficient is defined as the maximum deviation of reference voltage, at all measured temperatures between the operating TMin
&TMax, divided by (TMax −TMin). The measured temperatures (TMeasured) are −55˚C, 25˚C, & 125˚C or ∆VRef /(TMax −TMin)
www.national.com
4


Similar Part No. - LM185BYH-1.2-SMD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185BYH-1.2 NSC-LM185BYH-1.2 Datasheet
265Kb / 10P
   Micropower Voltage Reference Diode
LM185BYH-1.2 NSC-LM185BYH-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
LM185BYH-1.2 NSC-LM185BYH-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185BYH-1.2 TI1-LM185BYH-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185BYH-1.2/NOPB TI1-LM185BYH-1.2/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
More results

Similar Description - LM185BYH-1.2-SMD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-2.5QML TI1-LM185-2.5QML Datasheet
683Kb / 14P
[Old version datasheet]   LM185-2.5QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com