Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340-N Datasheet(PDF) 5 Page - Texas Instruments

Part # LM340-N
Description  LM340/LM78XX Series 3-Terminal Positive Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM340-N Datasheet(HTML) 5 Page - Texas Instruments

  LM340-N Datasheet HTML 1Page - Texas Instruments LM340-N Datasheet HTML 2Page - Texas Instruments LM340-N Datasheet HTML 3Page - Texas Instruments LM340-N Datasheet HTML 4Page - Texas Instruments LM340-N Datasheet HTML 5Page - Texas Instruments LM340-N Datasheet HTML 6Page - Texas Instruments LM340-N Datasheet HTML 7Page - Texas Instruments LM340-N Datasheet HTML 8Page - Texas Instruments LM340-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM340A Electrical Characteristics (Continued)
I
OUT = 1A, 0˚C
≤ T
J
≤ + 125˚C (LM340A) unless otherwise specified (Note 4)
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ Max
Min
Typ Max
Min
Typ Max
Peak Output
Current
T
J = 25˚C
2.4
2.4
2.4
A
Average TC of
V
O
Min, T
J = 0˚C, IO = 5 mA
−0.6
−1.5
−1.8
mV/˚C
V
IN
Input Voltage
T
J = 25˚C
Required to
Maintain
7.5
14.5
17.5
V
Line Regulation
LM140 Electrical Characteristics (Note 4)
−55˚C
≤ T
J
≤ +150˚C unless otherwise specified
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min Typ
Max
Min
Typ
Max Min Typ
Max
V
O
Output Voltage
T
J = 25˚C, 5 mA
≤ I
O
≤ 1A
4.8
5
5.2
11.5
12
12.5 14.4
15
15.6
V
P
D
≤ 15W, 5 mA ≤ I
O
≤ 1A
4.75
5.25
11.4
12.6 14.25
15.75
V
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 20)
(15.5
≤ V
IN
≤ 27)
(18.5
≤ V
IN
30)
V
∆V
O
Line Regulation
I
O = 500 mA
T
J = 25˚C
3
50
4
120
4
150 mV
∆V
IN
(7
≤ V
IN
≤ 25)
(14.5
≤ V
IN
≤ 30)
(17.5
≤ V
IN
30)
V
−55˚C
≤ T
J
≤ +150˚C
50
120
150 mV
∆V
IN
(8
≤ V
IN
≤ 20)
(15
≤ V
IN
≤ 27)
(18.5
≤ V
IN
30)
V
I
O
≤ 1A
T
J = 25˚C
50
120
150 mV
∆V
IN
(7.5
≤ V
IN
≤ 20) (14.6 ≤ V
IN
≤ 27)
(17.7
≤ V
IN
30)
V
−55˚C
≤ T
J
≤ +150˚C
25
60
75
mV
∆V
IN
(8
≤ V
IN
≤ 12)
(16
≤ V
IN
≤ 22)
(20
≤ V
IN
≤ 26)
V
∆V
O
Load Regulation
T
J = 25˚C
5 mA
≤ I
O
≤ 1.5A
10
50
12
120
12
150 mV
250 mA
≤ I
P
≤ 750
mA
25
60
75
mV
−55˚C
≤ T
J
≤ +150˚C,
50
120
150 mV
5mA
≤ I
O
≤ 1A
I
Q
Quiescent Current
I
O
≤ 1A
T
J = 25˚C
6
6
6
mA
−55˚C
≤ T
J
≤ +150˚C
7
7
7
mA
∆I
Q
Quiescent Current
5 mA
≤ I
O
≤ 1A
0.5
0.5
0.5
mA
Change
T
J = 25˚C, IO
≤ 1A
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 20)
(15
≤ V
IN
≤ 27)
(18.5
≤ V
IN
30)
V
I
O = 500 mA, −55˚C
≤ T
J
≤ +150˚C
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 25)
(15
≤ V
IN
≤ 30)
(18.5
≤ V
IN
30)
V
V
N
Output Noise
Voltage
T
A = 25˚C, 10 Hz
≤ f ≤ 100 kHz
40
75
90
µV
www.national.com
4


Similar Part No. - LM340-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
More results

Similar Description - LM340-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com