Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFE400M24-5C-N1-UML-YN Datasheet(PDF) 2 Page - TDK Electronics

Part # CFE400M24-5C-N1-UML-YN
Description  300W Convection / 400W Fan Cooled Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CFE400M24-5C-N1-UML-YN Datasheet(HTML) 2 Page - TDK Electronics

  CFE400M24-5C-N1-UML-YN Datasheet HTML 1Page - TDK Electronics CFE400M24-5C-N1-UML-YN Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A8: Jun 2012
CFE400M Series
Product
Part
Output
Current
Current
Peak Output
Code
Description
Style
Voltage
(Convection)
(Forced Air or Fan)
Current (2)
U7Y0010
CFE400M-12-5H-N1-UML-NT
U Chassis
12V
25A
33.3A
37.5A
U7Y0043
CFE400M-12-5H-TF-CML-NT
Cover & Top Fan
12V
-
33.3A
37.5A
U7Y0269
CFE400M-24-5H-N1-UML-NT
U Chassis
24V
12.5A
16.67A
18.75A
U7Y028C
CFE400M-24-5H-TF-CML-NT
Cover & Top Fan
24V
-
16.67A
18.75A
U7Y027B
CFE400M-48-5H-N1-UML-NT
U Chassis
48V
6.25A
8.33A
9.375A
U7Y029D
CFE400M-48-5H-TF-CML-NT
Cover & Top Fan
48V
-
8.33A
9.375A
Model Selector (Standard Models*)
EFE Series
300 to 400W 1U single output power supply
CSS Series
65 to 500W 1U single output power supply
NV Series
175 to 900W 1U power supply 1-8 outputs
Other TDK-Lambda Products
Outline Drawing
5.40
3.00
A
A
A
A
177.80
14.00
150.00
A
A
165.00
6.80
PIN 1
CH1 +VE
J1
PIN 1
J2
J5
J6
0V COMMON
5.65
NOT CONNECTED
08-52-0113
MATING PARTS
2
EARTH
1
22-01-2085
J2
MOLEX
CONNECTION
PIN
REMOTE ON/OFF
2
FAN SUPPLY
1
A 6 OFF FIXING HOLES FOR M3, MAXIMUM PENETRATION 4.0mm,
NOTE:
0850-0032MOLEX
+ SENSE
8
- SENSE
7
ALL TOLERANCES +/-0.5mm.
MAXIMUM TORQUE 0.9Nm.
NEUTRAL
5
NOT CONNECTED
4
LIVE
3
MOLEX
TAG 19073-0165
N/A
J5 & J6
3PWR GOOD
4N/C
5STANDBY RTN
6STANDBY
PINCONNECTION
CONNECTOR
HOUSINGCRIMP PINMANUFACTURER
J1
09-50-8051
CHASSIS WITH COVER
177.80
CHASSIS WITH TOP MOUNTED FAN
177.80
Notes:
(*) Additional variants available, see Option Selection below.
(2) For up to 10s without exceeding Average Output Power rating (300W convection, 400W with forced air or fan)
For Additional Information, please visit
us.tdk-lambda.com/lp/products/cfe-series.htm
N1-U = 12V fan supply, no cover
N1-C = 12V fan supply, cover
TF-C = Top fan & cover
NN = None
5C = 5V 80mA
5H = 5V 2A
Output
12
24
48
Adjustment Range
10.8 - 14.4V
21.6 - 28.8V
43.2 - 50V
Option Selection
CFE400M
Output V
Standby Voltage
Fan & Cover Option
ORing FET
Remote On/Off
-
-
ML-Y = FET fitted
ML-N = No FET fitted
N = None
E = Enable
T = Inhibit
*Adjustable by potentiometer


Similar Part No. - CFE400M24-5C-N1-UML-YN

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CFE TEC-CFE Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Adam Technologies, Inc.
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
   CF SOCKET EJECTOR
logo
Clairex Technologies, I...
CFE320A CLAIREX-CFE320A Datasheet
109Kb / 1P
   Fiber Optic AlGaAs IRED
logo
Crystek Corporation
CFE3390 CRYSTEKCRYSTAL-CFE3390 Datasheet
111Kb / 1P
   9x14 mm SMD, 3.3V, CMOS Clock Oscillator
More results

Similar Description - CFE400M24-5C-N1-UML-YN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWS300BAF TDK-ZWS300BAF Datasheet
1Mb / 2P
   300W Single Output, Convection Cooled Power Supplies
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com