Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040C25MDBZTEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040C25MDBZTEP
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040C25MDBZTEP Datasheet(HTML) 3 Page - Texas Instruments

  LM4040C25MDBZTEP Datasheet HTML 1Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 2Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 3Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 4Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 5Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 6Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 7Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 8Page - Texas Instruments LM4040C25MDBZTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DVZ
DIZ
LM4040-EP
www.ti.com
SLOS746A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
Recommended Operating Conditions
MIN
MAX
UNIT
IZ
Cathode current
See (1)
15
mA
TA
Free-air temperature
–55
125
°C
(1)
See parametric tables
Electrical Characteristics
at extended temperature range, full-range TA = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VZ
Reverse breakdown voltage
IZ = 100 μA
25
°C
2.5
V
25
°C
–16
16
Reverse breakdown voltage
ΔVZ
IZ = 100 μA
mV
tolerance
Full range
–42
42
25
°C
45
75
IZ,min
Minimum cathode current
μA
Full range
82
IZ = 10 mA
25
°C
±20
25
°C
±15
Average temperature coefficient of
αVZ
IZ = 1 mA
ppm/
°C
reverse breakdown voltage
Full range
±100
IZ = 100 μA
25
°C
±15
25
°C
0.3
0.8
IZ,min < IZ < 1 mA
Full range
1.1
Reverse breakdown voltage change
mV
with cathode current change
25
°C
2.5
6
1 mA
< IZ < 15 mA
Full range
9
IZ = 1 mA, f = 120 Hz,
ZZ
Reverse dynamic impedance
25
°C
0.3
IAC = 0.1 IZ
IZ = 100 μA,
eN
Wideband noise
25
°C
35
μVRMS
10 Hz
≤ f ≤ 10 kHz
t = 1000 h,
Long-term stability of reverse
TA = 25°C ± 0.1°C,
120
ppm
breakdown voltage
IZ = 100 μA
VHYST
Thermal hysteresis(1)
ΔTA = –55°C to 125°C
0.08
%
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –55°C) – VZ,25°C (after cycling to 125°C).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - LM4040C25MDBZTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040C25MDBZTEP TI1-LM4040C25MDBZTEP Datasheet
778Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25MDBZTEP TI-LM4040C25MDBZTEP Datasheet
954Kb / 14P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SEPTEMBER 2011
LM4040C25MDBZTEP TI-LM4040C25MDBZTEP Datasheet
1,018Kb / 14P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SEPTEMBER 2011
More results

Similar Description - LM4040C25MDBZTEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com