Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1924464 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1924464
Description  AMPSEAL 16 Connector System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1924464 Datasheet(HTML) 1 Page - Tyco Electronics

  1924464 Datasheet HTML 1Page - Tyco Electronics 1924464 Datasheet HTML 2Page - Tyco Electronics 1924464 Datasheet HTML 3Page - Tyco Electronics 1924464 Datasheet HTML 4Page - Tyco Electronics 1924464 Datasheet HTML 5Page - Tyco Electronics 1924464 Datasheet HTML 6Page - Tyco Electronics 1924464 Datasheet HTML 7Page - Tyco Electronics 1924464 Datasheet HTML 8Page - Tyco Electronics 1924464 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Introduction
AMPSEAL 16 Connector System
Section Catalog 1654281-2.
Revised 12-2009.
Main Catalog 1654400-1
Chapter 30 – Issued 3-2010.
All specifications subject to change. Consult Tyco Electronics for latest specifications.
30-1
Product Features
Keyed / polarized,
prevents mismating
Lanceless contacts,
no damaged tangs or
tangled contacts
Integral CPA protects against
accidental unlocking
Sleeved assembly for contact
beam protection provides
50 durability cycles
Attachment feature on pin
housing provides connector
clip mounting
Integral PLR provides primary
latch reinforcement with no
additional assembly
Sealing of interface and wires
provides for environmental
integrity
Resistant to a wide range
of chemicals
RoHS and ELV compliant
The AMPSEAL 16 Connector
System is targeted for off-
road, heavy duty industrial,
recreational and agricultural
applications. This wire-to-wire
and wire-to-device connector
line was designed to meet
the rigorous demands of an
industry that requires the
highest standards in perform-
ance.
Thermoplastic housings
(–40 °C to +125 °C rated) and
silicone seals allow the con-
nectors to withstand extreme
temperatures and moisture.
This connector family will
feature the HDSF Size 16
Pin and Socket contacts as
a terminal system.
These contacts are stamped
and formed versions of the
screw machined MIL-C-39029
contacts. The 2-, 3-, 4-, 6-, 8-
and 12-position housings will
offer a one-piece assembly
for both plug and cap.
NOT the LATEST
REVISION
SUPERSEDED


Similar Part No. - 1924464

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192446 FESTO-192446 Datasheet
102Kb / 1P
   Air preparation unit
More results

Similar Description - 1924464

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-94667 TEC-114-94667 Datasheet
2Mb / 29P
   AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
108-94799 TEC-108-94799 Datasheet
320Kb / 17P
   Product Specification for AMPSEAL 16 COAXIAL Housings
SEP 2021 Rev A3
logo
Tyco Electronics
776164-1 MACOM-776164-1 Datasheet
172Kb / 1P
   PLUG ASSEMBLY, 35 POSITION, AMPSEAL
770680 MACOM-770680 Datasheet
148Kb / 1P
   PLUG ASSEMBLY, 23 POSITION, AMPSEAL
1-776163-1 MACOM-1-776163-1 Datasheet
329Kb / 2P
   HEADER ASSEMBLY, 35 POSITION, RIGHT ANGLE, AMPSEAL
1-776087-1 MACOM-1-776087-1 Datasheet
208Kb / 2P
   HEADER ASSEMBLY, 23 POSITION, RIGHT ANGLE, AMPSEAL
logo
Maxim Integrated Produc...
MAX152EVKIT MAXIM-MAX152EVKIT Datasheet
193Kb / 8P
   16-Pin Data Connector for Interface to External System
1993
logo
DATEL, Inc.
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
   16 Channels Complete Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com