Electronic Components Datasheet Search |
|
MCTC2490KEHD-E Datasheet(PDF) 4 Page - Crydom Inc., |
|
MCTC2490KEHD-E Datasheet(HTML) 4 Page - Crydom Inc., |
4 / 20 page PCB Mount Solid State Relays - AC Output DPA 1Amp 120/240 Vac 16-Pin DIP SCR AC Switch Output Zero Cross Turn-On Crydom's DPA solid state relays are compact 16-pin DIP packages that are ideal for high density automated assembled printed circuit boards. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @ 5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk DPA4119 20-140 .025-1.0 3.5-10 15 1.0 30 UL, CSA, TUV DPA6119 20-280 .025-1.0 3.5-10 15 1.0 30 UL, CSA, TUV Line Load Control Must Must Surge Voltage Current Current Operate Release Current Range Range Range Current Current 1-Cycle Vrms Arms mAdc mAdc mAdc Apk DPA4111 20-140 .025-1.0 10-35 10 1.0 30 UL, CSA, TUV DPA6111 20-280 .025-1.0 10-35 10 1.0 30 UL, CSA, TUV Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3,750Vrms SDV, SDI 1.5Amp 120/240 Vac 16-Pin DIP SCR AC Switch Output Zero Cross or Random Turn-On The SDV/SDI solid state relays are compact 16-pin DIP packages that are ideal for high density automated assembled printed circuit boards. Line Load Control Control Must Surge Voltage Current Voltage Current Release Current Range Range Range @5Vdc Voltage 1-Cycle Vrms Arms Vdc mA Vdc Apk SDV2415 12-280 .025-1.5 3.5-10 15 1.0 30 UL, CSA, TUV SDV2415R* 12-280 .025-1.5 3.5-10 15 1.0 30 UL, CSA, TUV Line Load Control Must Must Surge Voltage Current Current Operate Release Current Range Range Range Current Current 1-Cycle Vrms Arms mAdc mAdc mAdc Apk SDI2415 12-280 .025-1.5 10-35 10 1.0 30 UL, CSA, TUV SDI2415R* 12-280 .025-1.5 10-35 10 1.0 30 UL, CSA, TUV * R suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3,750Vrms Product Index 5 ASO 7 ASPF 7 CMX 6 CX/CXE 5 CX241 6 CTX 7 DO/DMO 4 DPA 5 D2W 5 LC 6 LR 6 LS 5 MP 6 MPF 7 SPF/PF 4 SDV/SDI 7 5 SPA UPD pg model 3 5 7 10 12 18 20 25 40 50 60 75 80 90 100 110 125 150 11 53TP (3 Phase) 8 CSW 10 CMD/CMA 9 CWD/CWA 12 DxD 11 DC60 12 D06D 11 DUAL 8 EZ 9 H12 9 HD/HA 10 HD60/HA60 10 PRG 11 PSD 11 QUAD 8 Serie 1 A12/A24 8 Serie 1 D12/D24 9 SMR/SMR-6 12 SSC 560 55 54 03 03 02 61 35 13 CKR 13 CMR 13 HPF 13 MS11 110 0 59 07 05 54 52 01 15 CPV 14 DSD, DLD 15 LPCV 16,17 MC 15 PCV 15 RPC 14 SST - AC Output Relays - DC Output Relays - Ac and DC Outputs Available Solid State Relays - PCB Mount Rating Amps Solid State Relays - Panel Mount Rating Amps Solid State Relays - DIN rail Mount Rating Amps Rating Amps Solid State Control Relays pg model pg model 4 DIP pg model 1.0 1.5 2.0 3.0 3.5 4.0 5.0 6.0 8.0 10 12 15 20 25 40 DIP 1.5Amp 120/240 Vac 16-Pin DIP SCR AC Switch Output Zero Cross or Random Turn-On Crydom's DIP solid state relays are compact 16-pin DIP packages that are ideal for high density automated assembled printed circuit boards. DIP1215 20-140 .025-1.5 10-35 10 1.0 30 CSA DIP1215R* 20-140 .025-1.5 10-35 10 1.0 30 CSA Line Load Control Must Must Surge Voltage Current Current Operate Release Current Range Range Range Current Current 1-Cycle Vrms Arms mAdc mAdc mAdc Apk DIP2415 20-280 .025-1.5 10-35 10 1.0 30 CSA DIP2415R* 20-280 .025-1.5 10-35 10 1.0 30 CSA * R Suffix denotes random turn-on. Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3,750Vrms 4 Questions? Call or e-mail +1 (877) 502 5500 +44 (0) 1202 606030 sales@crydom.com sales-europe@crydom.com Americas Europe |
Similar Part No. - MCTC2490KEHD-E |
|
Similar Description - MCTC2490KEHD-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |