Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY214-400 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BY214-400
Description  RECTIFIER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY214-400 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY214-400 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 of 1
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Symbol
Parameter
BY214-400 THRU BY214-1000
Junction ambient *
400V-1000V
6.0A
FEATURES
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RECTIFIER DIODES
STANDARD RECTIFIER
HIGH SURGE CURRENT CAPABILITY
LOW FORWARD VOLTAGE DROP
Symbol
Parameter
Value
Unit
IF(AV)
Average forward current *
Ta=90
°C6
A
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
400
A
Ptot
Power dissipation *
Ta=90
°C6
W
Tstg
Tj
Storage and junction temperature range
- 65 to + 150
°C
TL
Maximum lead temperature for soldering during 10s at
4mm from case
230
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Rth (j-a)
10
°C/W
THERMAL RESISTANCE
BY214-
Unit
400
600
800
1000
VRRM
Repetitive peak reverse voltage
400
600
800
1000
V
V
Tj=25
°CIF =20 A
1.2
V
IR
Tj = 100
°CVR =VRRM
250
µA
Pulse test : * tp = 380
µs, duty cycle < 2 %
** tp = 5 ms, duty cycle < 2 %
ELECTRICAL CHARACTERISTICS


Similar Part No. - BY214-400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BY214-400 STMICROELECTRONICS-BY214-400 Datasheet
18Kb / 2P
   RECTIFIER DIODES
More results

Similar Description - BY214-400

ManufacturerPart #DatasheetDescription
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
   Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
   Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com