Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41690A8307Q007 Datasheet(PDF) 8 Page - EPCOS

Part # B41690A8307Q007
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41690A8307Q007 Datasheet(HTML) 8 Page - EPCOS

Back Button B41690A8307Q007 Datasheet HTML 4Page - EPCOS B41690A8307Q007 Datasheet HTML 5Page - EPCOS B41690A8307Q007 Datasheet HTML 6Page - EPCOS B41690A8307Q007 Datasheet HTML 7Page - EPCOS B41690A8307Q007 Datasheet HTML 8Page - EPCOS B41690A8307Q007 Datasheet HTML 9Page - EPCOS B41690A8307Q007 Datasheet HTML 10Page - EPCOS B41690A8307Q007 Datasheet HTML 11Page - EPCOS B41690A8307Q007 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
VR = 25 V DC
1200
80
135
1000
70
68
5.7
4.9
3.6
2.5
1.6
2000
50
90
620
48
47
6.8
5.8
4.3
3.0
1.9
2900
35
60
460
32
31
9.7
8.4
6.2
4.3
2.8
3900
27
45
330
25
24
11.0
9.4
7.0
4.8
3.1
4300
23
40
310
21
21
13.4
11.6
8.6
5.9
3.5
5000
23
37
260
21
21
11.6
10.0
7.4
5.1
3.3
5800
18
30
230
17
17
15.0
12.9
9.5
6.6
4.3
8000
15
25
160
14
14
16.6
14.2
10.5
7.3
4.8
10000
12
20
130
11
11
20.7
17.7
13.2
9.1
5.9
VR = 35 V DC
1000
75
125
900
65
63
5.5
4.7
3.5
2.4
1.5
1400
60
100
620
52
50
5.9
5.0
3.7
2.6
1.7
1900
38
65
460
32
31
9.5
8.2
6.1
4.2
2.7
2500
32
50
360
25
24
11.0
9.4
7.0
4.8
3.1
3000
27
45
310
23
22
11.6
10.0
7.4
5.1
3.3
3800
21
35
210
17
17
14.8
12.7
9.4
6.5
4.2
5200
16
27
160
14
14
16.4
14.0
10.4
7.2
4.7
7000
13
21
120
11
11
20.7
17.7
13.2
9.1
5.9
VR = 40 V DC
600
100
165
1000
70
68
5.7
4.9
3.6
2.5
1.6
1000
65
105
620
48
47
6.8
5.8
4.3
3.0
1.9
1400
45
70
460
32
31
9.6
8.2
6.1
4.2
2.7
1800
35
58
330
26
25
10.9
9.4
6.9
4.8
3.1
2300
30
48
260
23
22
11.6
10.0
7.4
5.1
3.3
2700
25
40
210
17
17
14.8
12.7
9.4
6.5
4.2
3900
18
30
150
14
14
16.4
14.0
10.4
7.2
4.7
5200
14
23
120
11
11
20.7
17.7
13.2
9.1
5.9
VR = 63 V DC
300
160
260
2500
120
115
5.0
4.3
3.2
2.2
1.4
470
105
175
1600
83
80
6.1
5.3
3.9
2.7
1.7
680
80
130
1100
65
62
7.1
6.0
4.4
3.1
2.0
1000
50
80
750
38
36
11.6
10.0
7.4
5.1
3.3
1300
40
64
580
30
28
13.2
11.4
8.5
5.8
3.4
2000
27
44
370
23
22
15.4
13.2
9.8
6.8
4.4
2500
22
35
300
18
17
19.3
16.5
12.3
8.5
5.5
B41690, B41790
Ultra compact
up to 140
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41690A8307Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41690A8307Q007 EPCOS-B41690A8307Q007 Datasheet
455Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41690A8307Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com