Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41695A7338Q007 Datasheet(PDF) 7 Page - EPCOS

Part # B41695A7338Q007
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41695A7338Q007 Datasheet(HTML) 7 Page - EPCOS

Back Button B41695A7338Q007 Datasheet HTML 3Page - EPCOS B41695A7338Q007 Datasheet HTML 4Page - EPCOS B41695A7338Q007 Datasheet HTML 5Page - EPCOS B41695A7338Q007 Datasheet HTML 6Page - EPCOS B41695A7338Q007 Datasheet HTML 7Page - EPCOS B41695A7338Q007 Datasheet HTML 8Page - EPCOS B41695A7338Q007 Datasheet HTML 9Page - EPCOS B41695A7338Q007 Datasheet HTML 10Page - EPCOS B41695A7338Q007 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
∇ Variant with different case dimensions
25
680
12
× 30
B41695A5687Q007 B41695A5687Q009 B41795A5687Q000
1000
14
× 25
B41695A5108Q007 B41695A5108Q009 B41795A5108Q000
1500
16
× 30
B41695A5158Q007 B41695A5158Q009 B41795A5158Q000
2200
18
× 30
B41695A5228Q007
B41795A5228Q000
3300
18
× 39
B41695A5338Q007
B41795A5338Q000
3300
20
× 29
B41695B5338Q007
5000
21
× 39
B41695A5508Q007
B41795A5508Q000
6800
21
× 49
B41695A5688Q007
B41795A5688Q000
40
470
12
× 30
B41695A7477Q007 B41695A7477Q009 B41795A7477Q000
680
14
× 30
B41695A7687Q007 B41695A7687Q009 B41795A7687Q000
1000
16
× 30
B41695A7108Q007 B41695A7108Q009 B41795A7108Q000
1500
16
× 39
B41695A7158Q007
B41795A7158Q000
2200
18
× 39
B41695A7228Q007
B41795A7228Q000
2200
20
× 29
B41695B7228Q007
3300
21
× 39
B41695A7338Q007
B41795A7338Q000
4400
21
× 49
B41695A7448Q007
B41795A7448Q000
63
220
12
× 30
B41695A8227Q007 B41695A8227Q009 B41795A8227Q000
330
14
× 30
B41695A8337Q007 B41695A8337Q009 B41795A8337Q000
470
16
× 30
B41695A8477Q007 B41695A8477Q009 B41795A8477Q000
680
16
× 39
B41695A8687Q007
B41795A8687Q000
1000
18
× 39
B41695A8108Q007
B41795A8108Q000
1100
20
× 29
B41695A8118Q007
1800
21
× 39
B41695A8188Q007
B41795A8188Q000
2200
21
× 49
B41695A8228Q007
B41795A8228Q000
75
220
12
× 30
B41695A0227Q007 B41695A0227Q009 B41795A0227Q000
270
14
× 30
B41695A0277Q007 B41695A0277Q009 B41795A0277Q000
390
16
× 30
B41695A0397Q007 B41695A0397Q009 B41795A0397Q000
560
16
× 39
B41695A0567Q007
B41795A0567Q000
860
18
× 39
B41695A0867Q007
B41795A0867Q000
860
20
× 29
B41695B0867Q007
1200
21
× 39
B41695A0128Q007
B41795A0128Q000
1800
21
× 49
B41695A0188Q007
B41795A0188Q000
B41695, B41795
Compact
up to 150
°C
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41695A7338Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41695A7338Q007 EPCOS-B41695A7338Q007 Datasheet
458Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41695A7338Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com