Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16244AIDGVREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CLVTH16244AIDGVREP
Description  3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16244AIDGVREP Datasheet(HTML) 5 Page - Texas Instruments

  CLVTH16244AIDGVREP Datasheet HTML 1Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 2Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 3Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 4Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 5Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 6Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 7Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 8Page - Texas Instruments CLVTH16244AIDGVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Electrical Characteristics
SN74LVTH16244A-EP
3.3-V ABT 16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS692F – APRIL 2003 – REVISED APRIL 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
II = –18 mA
2.7 V
–1.2
V
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
IOH = –8 mA
2.7 V
2.4
'LVTH16244AQ
2
IOH = –24 mA
'LVTH16244AI
VOH
V
'LVTH16244AM
2
3 V
'LVTH16244AQ
IOH = –32 mA
'LVTH16244AI
2
'LVTH16244AM
IOL = 100 µA
0.2
2.7 V
IOL = 24 mA
0.5
IOL = 16 mA
0.4
'LVTH16244AQ
VOL
IOL = 32 mA
'LVTH16244AI
0.5
V
'LVTH16244AM
3 V
'LVTH16244AQ
IOL = 64 mA
'LVTH16244AI
0.55
'LVTH16244AM
'LVTH16244AQ
50
VI = 5.5 V
'LVTH16244AI
0 V or 3.6 V
10
'LVTH16244AM
50
II
µA
Control
VI = VCC or GND
±1
inputs
3.6 V
VI = VCC
1
Data
inputs
VI = 0 V
–5
'LVTH16244AQ
Ioff
VI or VO = 0 V to 4.5 V
'LVTH16244AI
0 V
±100
µA
'LVTH16244AM
VI = 0.8 V
75
3 V
VI = 2 V
–75
Data
'LVTH16244AQ
II(hold)
µA
inputs
500
VI = 0 V to 3.6 V
'LVTH16244AI
3.6 V(2)
–750
'LVTH16244AM
IOZH
VO = 3 V
3.6 V
5
µA
IOZL
VO = 0.5 V
3.6 V
–5
µA
IOZPU
VO = 0.5 V to 3 V, OE = Don't care
0 V to 1.5 V
±100
µA
IOZPD
VO = 0.5 V to 3 V, OE = Don't care
1.5 V to 0 V
±100
µA
Outputs high
0.19
IO = 0 ,
ICC
Outputs low
3.6 V
5
mA
VI = VCC or GND
Outputs disabled
0.19
One input at VCC – 0.6 V,
∆I
CC
(3)
3 V to 3.6 V
0.2
0.2
mA
Other inputs at VCC or GND
Ci
VI = 3 V or 0 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
5
Submit Documentation Feedback


Similar Part No. - CLVTH16244AIDGVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVTH16240IDGGREP TI1-CLVTH16240IDGGREP Datasheet
308Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CLVTH16245AIDGVREP TI1-CLVTH16245AIDGVREP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CLVTH16245AIZQLREP TI1-CLVTH16245AIZQLREP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CLVTH16245AMDLREP TI1-CLVTH16245AMDLREP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CLVTH16245AQDGGREP TI1-CLVTH16245AQDGGREP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CLVTH16244AIDGVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH162240-EP TI1-SN74LVTH162240-EP Datasheet
299Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH162244-EP TI1-SN74LVTH162244-EP Datasheet
298Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16240-EP TI1-SN74LVTH16240-EP Datasheet
308Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH32244 TI-SN74LVTH32244 Datasheet
234Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH32244-EP TI1-SN74LVTH32244-EP Datasheet
388Kb / 13P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32244 TI-SN74LVT32244 Datasheet
244Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32240 TI-SN74LVT32240 Datasheet
203Kb / 9P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32244 TI-SN74LVT32244_07 Datasheet
383Kb / 13P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B_10 Datasheet
650Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240-EP TI1-SN74LVTH240-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com