Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1BF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # UF1BF
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1BF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  UF1BF Datasheet HTML 1Page - Pan Jit International Inc. UF1BF Datasheet HTML 2Page - Pan Jit International Inc. UF1BF Datasheet HTML 3Page - Pan Jit International Inc. UF1BF Datasheet HTML 4Page - Pan Jit International Inc. UF1BF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 06,2012-REV.00
UF1AF SERIES
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Ultrafast recovery times for high efficiency
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT ULTRA FAST RECTIFIER
NOTES :
1. Mounted on 48cm 2 FR-4 PCB.
VOLTAGE
50-600 Volts
1 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
PAR AME TER
S YMB OL
U F1AF
UF1BF
U F1 D F
UF1GF
U F1 J F
U N I T S
Recurrent Peak Reverse Voltage
V
RRM
50
100
200
400
600
V
RMS Voltage
V
RMS
35
70
140
280
420
V
D C Blocki ng Voltage
V
R
50
100
200
400
600
V
Average Forward C urrent
I
F(AV)
1A
Peak Forward Surge Current : 8 .3ms single half si ne-wave
superimposed on rated load(JED EC method)
I
FSM
30
A
Forward Voltage at 1.0A
V
F
11.3
1.7
V
D C Reverse Current at Rated
D C Blocki ng Voltage
T
J=2 5
O
CI
R
1
μA
Typi cal Junction capacitance
VR=4V,f=1MHZ
C
J
18
10
8
pF
Typi cal Thermal Resi stance ,Junction to Lead (Note 1)
Junction to Ambient (Note 1)
R
θJL
R
θJA
20
62.5
O
C / W
Reverse Recovery Time (I
F=0 . 5 A , IR=1 . 0 A , Irr= 0. 25A )
T
rr
50
100
ns
Operating Juncti on Temperature and Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
1
2
Cathode
Anode


Similar Part No. - UF1BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UF1BF CHENDA-UF1BF Datasheet
627Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
UF1BFL SUNMATE-UF1BFL Datasheet
308Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results

Similar Description - UF1BF

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Shunye Electro...
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AF HOTTECH-US3AF Datasheet
153Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com