Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH18502A-EP Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVTH18502A-EP
Description  3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH18502A-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVTH18502A-EP Datasheet HTML 6Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 7Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 8Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 9Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 10Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 11Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 12Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 13Page - Texas Instruments SN74LVTH18502A-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
SN74LVTH18502AEP, SN74LVTH182502AEP
3.3V ABT SCAN TEST DEVICES
WITH 18BIT UNIVERSAL BUS TRANSCEIVERS
SCAS744A − DECEMBER 2003 − REVISED JUNE 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 48 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and one BSC for each normal-function I/O pin (one single cell for both input data and
output data). The BSR is used 1) to store test data that is to be applied externally to the device output pins,
and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at
the device input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test /Idle, as determined by the current instruction. At power up
or in Test-Logic-Reset, BSCs 47−44 are reset to logic 1, ensuring that these cells, which control A-port and
B-port outputs, are set to benign values (i.e., if test mode were invoked, the outputs would be at the
high-impedance state). Reset values of other BSCs should be considered indeterminate.
The BSR order of scan is from TDI through bits 47−0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
47
2OEAB
35
2A9-I/O
17
2B9-I/O
46
1OEAB
34
2A8-I/O
16
2B8-I/O
45
2OEBA
33
2A7-I/O
15
2B7-I/O
44
1OEBA
32
2A6-I/O
14
2B6-I/O
43
2CLKAB
31
2A5-I/O
13
2B5-I/O
42
1CLKAB
30
2A4-I/O
12
2B4-I/O
41
2CLKBA
29
2A3-I/O
11
2B3-I/O
40
1CLKBA
28
2A2-I/O
10
2B2-I/O
39
2LEAB
27
2A1-I/O
9
2B1-I/O
38
1LEAB
26
1A9-I/O
8
1B9-I/O
37
2LEBA
25
1A8-I/O
7
1B8-I/O
36
1LEBA
24
1A7-I/O
6
1B7-I/O
−−
−−
23
1A6-I/O
5
1B6-I/O
−−
−−
22
1A5-I/O
4
1B5-I/O
−−
−−
21
1A4-I/O
3
1B4-I/O
−−
−−
20
1A3-I/O
2
1B3-I/O
−−
−−
19
1A2-I/O
1
1B2-I/O
−−
−−
18
1A1-I/O
0
1B1-I/O


Similar Part No. - SN74LVTH18502A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH18502A TI-SN74LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A TI-SN74LVTH18502A Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APM TI-SN74LVTH18502APM Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APM TI-SN74LVTH18502APM Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502APMG4 TI-SN74LVTH18502APMG4 Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74LVTH18502A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT182502 TI1-SN74LVT182502 Datasheet
509Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512-EP TI1-SN74LVTH18512-EP Datasheet
684Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com