Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1GWG Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GS1GWG
Description  SURFACE MOUNT GENERAL PURPOSE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1GWG Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GS1GWG Datasheet HTML 1Page - Pan Jit International Inc. GS1GWG Datasheet HTML 2Page - Pan Jit International Inc. GS1GWG Datasheet HTML 3Page - Pan Jit International Inc. GS1GWG Datasheet HTML 4Page - Pan Jit International Inc. GS1GWG Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
June 5,2012-REV.00
GS1AWG SERIES
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.01
0.1
1
10
100
100
200
300
400
500
600
700
800
900
1000
VR, Peak Reverse Voltage (V)
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1
10
100
VR, Reverse Bias Voltage (V)
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C


Similar Part No. - GS1GWG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1GW PANJIT-GS1GW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Nantong Hornby Electron...
GS1GW HORNBY-GS1GW Datasheet
384Kb / 3P
   SURFACE MOUNT PLASTIC PASSIVATED JUNCTION RECTIFIER
logo
Pan Jit International I...
GS1GWZ PANJIT-GS1GWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
More results

Similar Description - GS1GWG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com