Electronic Components Datasheet Search |
|
SN74LVTH162373-EP Datasheet(PDF) 3 Page - Texas Instruments |
|
|
SN74LVTH162373-EP Datasheet(HTML) 3 Page - Texas Instruments |
3 / 10 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions (1) SN74LVTH162373-EP 3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS SCBS811A – JULY 2006 – REVISED JULY 2006 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V VI Input voltage range(2) –0.5 7 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 7 V VO Voltage range applied to any output in the high state(2) –0.5 VCC + 0.5 V IO Current into any output in the low state 30 mA IO Current into any output in the high state(3) 30 mA IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA θ JA Package thermal impedance(4) 63 °C/W Tstg Storage temperature range(5) –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (3) This current flows only when the output is in the high state and VO > VCC. (4) The package thermal impedance is calculated in accordance with JESD 51-7. (5) Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging. MIN MAX UNIT VCC Supply voltage 2.7 3.6 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VI Input voltage 5.5 V IOH High-level output current –12 mA IOL Low-level output current 12 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 10 ns/V ∆t/∆V CC Power-up ramp rate 200 µs/V TA Operating free-air temperature –55 125 °C (1) All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 3 Submit Documentation Feedback |
Similar Part No. - SN74LVTH162373-EP |
|
Similar Description - SN74LVTH162373-EP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |